Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3614 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3614
Description  4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3614 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3614 Datasheet HTML 17Page - Linear Technology LTC3614 Datasheet HTML 18Page - Linear Technology LTC3614 Datasheet HTML 19Page - Linear Technology LTC3614 Datasheet HTML 20Page - Linear Technology LTC3614 Datasheet HTML 21Page - Linear Technology LTC3614 Datasheet HTML 22Page - Linear Technology LTC3614 Datasheet HTML 23Page - Linear Technology LTC3614 Datasheet HTML 24Page - Linear Technology LTC3614 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3614
21
3614f
For coincident start-up, the voltage value at the TRACK/SS
pin for the slave channel needs to reach the final reference
value after the internal soft-start time (around 1ms). The
master start-up time needs to be adjusted with an external
capacitor and resistor to ensure this.
External Reference Input (DDR Mode)
If the DDR pin is tied to SVIN (DDR mode), the run state
is entered when VTRACK/SS exceeds 0.3V and tracking
down behavior is possible if the VTRACK/SS voltage is
below 0.6V.
This allows TRACK/SS to be used as an external reference
between 0.3V and 0.6V if desired. During the run state in
DDR mode, the power good window moves in relation
to the actual TRACK/SS pin voltage if the voltage value
is between 0.3V and 0.6V. Note: if TRACK/SS voltage is
0.6V, either the tracking circuit or the internal reference
can be used.
During up/down tracking the output current foldback is
disabled and the PGOOD pin is always pulled down (see
Figure 9).
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of
the losses: VIN quiescent current and I2R losses. The VIN
quiescent current loss dominates the efficiency loss at
very low load currents whereas the I2R loss dominates
the efficiency loss at medium to high load currents. In a
typical efficiency plot, the efficiency curve at very low load
currents can be misleading since the actual power lost is
usually of no consequence.
1. The VIN quiescent current is due to two components: the
DC bias current as given in the Electrical Characteristics
and the internal main switch and synchronous switch
gate charge currents. The gate charge current results
from switching the gate capacitance of the internal power
MOSFET switches. Each time the gate is switched from
low to high to low again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is the current
out of VIN due to gate charge, and it is typically larger
than the DC bias current. Both the DC bias and gate
charge losses are proportional to VIN; thus, their effects
will be more pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor, RL. In
continuous mode the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Character-
istics curves. To obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for
less than 2% of the total loss.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com