Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3829 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 17Page - Linear Technology LTC3829 Datasheet HTML 18Page - Linear Technology LTC3829 Datasheet HTML 19Page - Linear Technology LTC3829 Datasheet HTML 20Page - Linear Technology LTC3829 Datasheet HTML 21Page - Linear Technology LTC3829 Datasheet HTML 22Page - Linear Technology LTC3829 Datasheet HTML 23Page - Linear Technology LTC3829 Datasheet HTML 24Page - Linear Technology LTC3829 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC3829

3829f
applicaTions inForMaTion
Slope Compensation and Inductor Peak Current
Slopecompensationprovidesstabilityinconstantfrequen-
cycurrentmodearchitecturesbypreventingsub-harmonic
oscillationathighdutycycles.Itisaccomplishedinternally
by adding a compensating ramp to the inductor current
signal at duty cycles in excess of 40%. Normally, this
results in a reduction of maximum inductor peak current
for duty cycles greater than 40%. However, the LTC3829
uses a scheme that counteracts this compensating ramp,
whichallowsthemaximuminductorpeakcurrenttoremain
unaffected throughout all duty cycles.
Inductor Value Calculation and Output Ripple Current
The operating frequency and inductor selection are inter-
relatedinthathigheroperatingfrequenciesallowtheuseof
smaller inductor and capacitor values. A higher frequency
generally results in lower efficiency because of MOSFET
gate charge and transition losses. In addition to this basic
trade-off, the effect of inductor value on ripple current
and low current operation must also be considered. The
PolyPhase approach reduces both input and output ripple
currents while optimizing individual output stages to run
at a lower fundamental frequency, enhancing efficiency.
The inductor value has a direct effect on ripple current.
The inductor ripple current,
∆IL, per individual section
N, decreases with higher inductance or frequency and
increases with higher VIN or VOUT:
∆I
V
f L
V
V
L
OUT
OUT
IN
=


•
–
1
where f is the individual output stage operating frequency.
In a PolyPhase converter, the net ripple current seen by
the output capacitor is much smaller than the individual
inductor ripple currents due to the ripple cancellation. The
details on how to calculate the net output ripple current
can be found in Application Note 77.
Figure 8 shows the net ripple current seen by the output
capacitors for the different phase configurations. The
output ripple current is plotted for a fixed output voltage
as the duty factor is varied between 10% and 90% on the
x-axis. The output ripple current is normalized against the
inductor ripple current at zero duty factor. The graph can
be used in place of tedious calculations. The zero output
ripple current is obtained when:
V
V
k
N
where k
N
OUT
IN
=
= , ,..., –
1 2
1
Figure 8. Normalized Peak Output Current
vs Duty Factor [IRMS = 0.3(IOP-P)]
DUTY FACTOR (VOUT/VIN)
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3829 F08
6-PHASE
4-PHASE
12-PHASE
3-PHASE
2-PHASE
1-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com