Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3859 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3859
Description  Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3859 Datasheet HTML 17Page - Linear Technology LTC3859 Datasheet HTML 18Page - Linear Technology LTC3859 Datasheet HTML 19Page - Linear Technology LTC3859 Datasheet HTML 20Page - Linear Technology LTC3859 Datasheet HTML 21Page - Linear Technology LTC3859 Datasheet HTML 22Page - Linear Technology LTC3859 Datasheet HTML 23Page - Linear Technology LTC3859 Datasheet HTML 24Page - Linear Technology LTC3859 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC3859
21
3859f
APPLICATIONS INFORMATION
The maximum power loss in R1 is related to duty cycle. For
the buck controllers, the maximum power loss will occur
in continuous mode at the maximum input voltage:
PLOSS R1=
(VIN(MAX) − VOUT)• VOUT
R1
For the boost controller, the maximum power loss in R1
will occur in continuous mode at VIN = 1/2•VOUT:
PLOSS R1=
(VOUT(MAX) − VIN)• VIN
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
sense resistors. Light load power loss can be modestly
higher with a DCR network than with a sense resistor, due
to the extra switching losses incurred through R1. However,
DCR sensing eliminates a sense resistor, reduces conduc-
tion losses and provides higher efficiency at heavy loads.
Peak efficiency is about the same with either method.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because
of MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current.
The inductor ripple current
ΔIL decreases with higher
inductance or frequency. For the buck controllers,
ΔIL
increases with higher VIN:
ΔIL =
1
(f)(L)
VOUT 1−
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
For the boost controller, the inductor ripple current
ΔIL
increases with higher VOUT:
ΔIL =
1
(f)(L)
VIN 1−
VIN
VOUT
⎛
⎝⎜
⎞
⎠⎟
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
ΔIL = 0.3(IMAX). The maximum
ΔIL occurs at the maximum input voltage for the bucks
and VIN = 1/2•VOUT for the boost.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
25% of the current limit (30% for the boost) determined
by RSENSE. Lower inductor values (higher ΔIL) will cause
this to occur at lower load currents, which can cause a dip
in efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or molypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value, but it is very dependent on inductance
selected. As inductance increases, core losses go down.
Unfortunately, increased inductance requires more turns
of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET and Schottky Diode
(Optional) Selection
Two external power MOSFETs must be selected for each
controller in the LTC3859: one N-channel MOSFET for the
top switch (main switch for the buck, synchronous for the
boost), and one N-channel MOSFET for the bottom switch
(main switch for the boost, synchronous for the buck).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com