Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4269-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4269-2
Description  IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4269-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC4269-2 Datasheet HTML 1Page - Linear Technology LTC4269-2 Datasheet HTML 2Page - Linear Technology LTC4269-2 Datasheet HTML 3Page - Linear Technology LTC4269-2 Datasheet HTML 4Page - Linear Technology LTC4269-2 Datasheet HTML 5Page - Linear Technology LTC4269-2 Datasheet HTML 6Page - Linear Technology LTC4269-2 Datasheet HTML 7Page - Linear Technology LTC4269-2 Datasheet HTML 8Page - Linear Technology LTC4269-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC4269-2

42692fb
pin conFiguraTion
absoluTe MaxiMuM raTings
(Notes 1, 2)
TOP VIEW
33
DKD PACKAGE
32-LEAD (7mm 4mm) PLASTIC DFN
SHDN 1
T2P 2
RCLASS 3
NC 4
VPORTN 5
VPORTN 6
NC 7
NC 8
COMP 9
FB 10
ROSC 11
SYNC 12
SS_MAXDC 13
VREF 14
SD_VSEC 15
GND 16
32 VPORTP
31 NC
30 NC
29 PWRGD
28 PWRGD
27 VNEG
26 VNEG
25 NC
24 SOUT
23 VIN
22 OUT
21 PGND
20 DELAY
19 OC
18 ISENSE
17 BLANK
TJMAX = 125°C, θJA = 34°C/W, θJC = 2°C/W
EXPOSED PAD (PIN 33) MUST BE SOLDERED TO
HEAT SINKING PLANE THAT IS CONNECTED TO GND
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4269CDKD-2#PBF
LTC4269CDKD-2#TRPBF 42692
32-Lead (7mm
× 4mm) Plastic DFN
0°C to 70°C
LTC4269IDKD-2#PBF
LTC4269IDKD-2#TRPBF
42692
32-Lead (7mm
× 4mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4269CDKD-2
LTC4269CDKD-2#TR
42692
32-Lead (7mm
× 4mm) Plastic DFN
0°C to 70°C
LTC4269IDKD-2
LTC4269IDKD-2#TR
42692
32-Lead (7mm
× 4mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Pins with Respect to VPORTN
VPORTP Voltage ........................................ –0.3V to 100V
VNEG Voltage.........................................–0.3V to VPORTP
VNEG Pull-Up Current ..................................................1A
SHDN....................................................... –0.3V to 100V
RCLASS, Voltage ........................................... –0.3V to 7V
RCLASS Source Current ..........................................50mA
PWRGD Voltage (Note 3)
Low Impedance Source .... VNEG – 0.3V to VNEG + 11V
Sink Current.........................................................5mA
PWRGD, T2P Voltage ............................... –0.3V to 100V
PWRGD, T2P Sink Current .....................................10mA
Pins with Respect to GND
VIN (Note 4)................................................ –0.3V to 25V
SYNC, SS_MAXDC, SD_VSEC,
ISENSE, OC.................................................... –0.3V to 6V
COMP, BLANK, DELAY.............................. –0.3V to 3.5V
FB ................................................................ –0.3V to 3V
ROSC Current........................................................ –50µA
VREF Source Current ..............................................10mA
Operating Ambient Temperature Range
LTC4269C-2............................................. 0°C to 70°C
LTC4269I-2..........................................–40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com