Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4310-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4310-1
Description  Hot-Swappable I2C Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4310-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4310-1 Datasheet HTML 1Page - Linear Technology LTC4310-1 Datasheet HTML 2Page - Linear Technology LTC4310-1 Datasheet HTML 3Page - Linear Technology LTC4310-1 Datasheet HTML 4Page - Linear Technology LTC4310-1 Datasheet HTML 5Page - Linear Technology LTC4310-1 Datasheet HTML 6Page - Linear Technology LTC4310-1 Datasheet HTML 7Page - Linear Technology LTC4310-1 Datasheet HTML 8Page - Linear Technology LTC4310-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4310-1/LTC4310-2

431012f
absoluTe MaxiMuM raTings
Input Supply Voltage (VCC) .......................... –0.3V to 6V
Input and Bidirectional Pin Voltages
SCL, SDA, EN, RXP, RXN.......................... –0.3V to 6V
Output Voltages
READY..................................................... –0.3V to 6V
TXP, TXN ...................... –0.3V to VCC + 0.3V (6V Max)
Maximum Sink Current (SDA, SCL, READY)..........30mA
(Notes 1, 4)
TOP VIEW
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
11
GND
9
6
7
8
4
5
3
2
1
RXN
RXP
VCC
TXP
TXN
EN
SDA
SCL
READY
GND
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) PCB CONNECTION TO GROUND IS OPTIONAL
1
2
3
4
5
EN
SDA
SCL
READY
GND
10
9
8
7
6
RXN
RXP
VCC
TXP
TXN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4310CDD-1#PBF
LTC4310CDD-1#TRPBF
LFCH
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4310IDD-1#PBF
LTC4310IDD-1#TRPBF
LFCH
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4310CMS-1#PBF
LTC4310CMS-1#TRPBF
LTFCG
10-Lead Plastic MSOP
0°C to 70°C
LTC4310IMS-1#PBF
LTC4310IMS-1#TRPBF
LTFCG
10-Lead Plastic MSOP
–40°C to 85°C
LTC4310CDD-2#PBF
LTC4310CDD-2#TRPBF
LFCK
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4310IDD-2#PBF
LTC4310IDD-2#TRPBF
LFCK
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4310CMS-2#PBF
LTC4310CMS-2#TRPBF
LTFCJ
10-Lead Plastic MSOP
0°C to 70°C
LTC4310IMS-2#PBF
LTC4310IMS-2#TRPBF
LTFCJ
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Ambient Temperature Range
LTC4310C ................................................ 0°C to 70°C
LTC4310I.............................................. –40°C to 85°C
Storage Temperature Range
DD ..................................................... –65°C to 125°C
MS..................................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package...................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com