Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4361-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4361-2
Description  Overvoltage/Overcurrent Protection Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4361-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC4361-2 Datasheet HTML 1Page - Linear Technology LTC4361-2 Datasheet HTML 2Page - Linear Technology LTC4361-2 Datasheet HTML 3Page - Linear Technology LTC4361-2 Datasheet HTML 4Page - Linear Technology LTC4361-2 Datasheet HTML 5Page - Linear Technology LTC4361-2 Datasheet HTML 6Page - Linear Technology LTC4361-2 Datasheet HTML 7Page - Linear Technology LTC4361-2 Datasheet HTML 8Page - Linear Technology LTC4361-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4361-1/LTC4361-2
2
436112f
Bias Supply Voltage (IN) ............................ –0.3V to 85V
Input Voltages
SENSE ................................................... –0.3V to 85V
OUT, ON................................................... –0.3V to 9V
Output Voltages
PWRGD.................................................... –0.3V to 9V
GATE (Note 3)........................................ –0.3V to 15V
GATEP.................................................... –0.3V to 85V
IN to GATEP........................................... –0.3V to 10V
(Notes 1, 2)
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4361CTS8-1#TRMPBF
LTC4361CTS8-1#TRPBF
LTDWN
8-Lead Plastic TSOT-23
0°C to 70°C
LTC4361CTS8-2#TRMPBF
LTC4361CTS8-2#TRPBF
LTFMN
8-Lead Plastic TSOT-23
0°C to 70°C
LTC4361ITS8-1#TRMPBF
LTC4361ITS8-1#TRPBF
LTDWN
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC4361ITS8-2#TRMPBF
LTC4361ITS8-2#TRPBF
LTFMN
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC4361CDC-1#TRMPBF
LTC4361CDC-1#TRPBF
LDWP
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC4361CDC-2#TRMPBF
LTC4361CDC-2#TRPBF
LFMP
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC4361IDC-1#TRMPBF
LTC4361IDC-1#TRPBF
LDWP
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC4361IDC-2#TRMPBF
LTC4361IDC-2#TRPBF
LFMP
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
Operating Temperature Range
LTC4361C ................................................ 0°C to 70°C
LTC4361I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT................................................................. 300°C
ON 1
OUT 2
GATEP 3
GND 4
8 PWRGD
7 GATE
6 SENSE
5 IN
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 195°C/W
TOP VIEW
GND
GATEP
OUT
ON
IN
SENSE
GATE
PWRGD
DC PACKAGE
8-LEAD (2mm
2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 9) IS GND, CONNECTION OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com