Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6992-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6992-2
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC6992-2 Datasheet HTML 1Page - Linear Technology LTC6992-2 Datasheet HTML 2Page - Linear Technology LTC6992-2 Datasheet HTML 3Page - Linear Technology LTC6992-2 Datasheet HTML 4Page - Linear Technology LTC6992-2 Datasheet HTML 5Page - Linear Technology LTC6992-2 Datasheet HTML 6Page - Linear Technology LTC6992-2 Datasheet HTML 7Page - Linear Technology LTC6992-2 Datasheet HTML 8Page - Linear Technology LTC6992-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
2
69921234p
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+) to GND .........…………………….6V
Maximum Voltage On Any Pin
.............................(GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Operating Temperature Range (Note 2)
LTC6992C ................................................ 0°C to 70°C
LTC6992I .............................................–40°C to 85°C
LTC6992H.......................................... –40°C to 125°C
(Note 1)
TOP VIEW
OUT
GND
MOD
V+
DIV
SET
DCB PACKAGE
6-LEAD (2mm
3mm) PLASTIC DFN
4
5
7
GND
6
3
2
1
TJMAX = 150°C, θJA = 64°C/W, θJC = 10.6°C/W
EXPOSED PAD (PIN 7) IS GND, PCB CONNECTION IS OPTIONAL
MOD 1
GND 2
SET 3
6 OUT
5 V+
4 DIV
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W, θJC = 51°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6992CDCB6-1#PBF
LTC6992CDCB6-1#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB6-1#PBF
LTC6992IDCB6-1#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB6-1#PBF
LTC6992HDCB6-1#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-1#PBF
LTC6992CS6-1#TRPBF
XXXX
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-1#PBF
LTC6992IS6-1#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-1#PBF
LTC6992HS6-1#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992CDCB6-2#PBF
LTC6992CDCB6-2#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB6-2#PBF
LTC6992IDCB6-2#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB6-2#PBF
LTC6992HDCB6-2#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-2#PBF
LTC6992CS6-2#TRPBF
XXXX
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-2#PBF
LTC6992IS6-2#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6992HS6-2#PBF
LTC6992HS6-2#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6992CDCB6-3#PBF
LTC6992CDCB6-3#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6992IDCB6-3#PBF
LTC6992IDCB6-3#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC6992HDCB6-3#PBF
LTC6992HDCB6-3#TRPBF
XXXX
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC6992CS6-3#PBF
LTC6992CS6-3#TRPBF
XXXX
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6992IS6-3#PBF
LTC6992IS6-3#TRPBF
XXXX
6-Lead Plastic TSOT-23
–40°C to 85°C
Specified Temperature Range (Note 3)
LTC6992C ................................................ 0°C to 70°C
LTC6992I .............................................–40°C to 85°C
LTC6992H.......................................... –40°C to 125°C
Junction Temperature .......................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com