Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS30ZD Datasheet(PDF) 4 Page - Power-One

Part # HLS30ZD
Description  HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HLS30ZD Datasheet(HTML) 4 Page - Power-One

  HLS30ZD Datasheet HTML 1Page - Power-One HLS30ZD Datasheet HTML 2Page - Power-One HLS30ZD Datasheet HTML 3Page - Power-One HLS30ZD Datasheet HTML 4Page - Power-One HLS30ZD Datasheet HTML 5Page - Power-One HLS30ZD Datasheet HTML 6Page - Power-One HLS30ZD Datasheet HTML 7Page - Power-One HLS30ZD Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HLS30 Series – 30A Half-Brick DC/DC Converter
48V Input
Data Sheet
5.0V, 3.3V, 2.5V Output
Rev. 10/01
Page 4 of 8
Characteristic curves
Fig. 1 HLS30ZG (5V) Efficiency vs. Output Load
Fig. 2 HLS30ZE (3.3V) Efficiency vs. Output
Load
Fig. 3 HLS30ZD (2.5V) Efficiency vs. Output
Load
Fig. 4 HLS30ZG (5V) Input Characteristic
Fig. 5 HLS30ZE (3.3V) Input Characteristic
Fig. 6 HLS030ZD (2.5V) Input Characteristic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com