Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMR25 Datasheet(PDF) 2 Page - Power-One

Part # IMR25
Description  25...40 Watt DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMR25 Datasheet(HTML) 2 Page - Power-One

  IMR25 Datasheet HTML 1Page - Power-One IMR25 Datasheet HTML 2Page - Power-One IMR25 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.power-one.com
Board Mountable
IMR 25...40 Series
Input
Input voltage
continuous range, 12 V
9...18 V DC
continuous range, 24 V
18...36 V DC
continuous range, 48 V
36...72 V DC
Reverse voltage protection
shunt diode
Output
Output voltage setting accuracy
Ui nom, lo nom
±2% U
o nom
Minimum load
recommended
20%
lo nom
Line regulation
Ui min...Ui max, lo nom
±1% U
o nom
Load regulation
Ui nom, 0…100% Io nom, single output models
±2% U
o nom
dual and triple output models (tracking)
5%
Uo nom
Output voltage switching noise
Ui nom, 20...100 Io nom, peak-peak, total
max. 2%
Uo nom
Control and protection
Overload protection
Ui min, full load
125%
Pi nom
No-load protection
Safety and EMC
Electric strength test voltage
I/O
1500 V DC
Electromagnetic interference
conducted with external filter
class B
Environmental
Operating ambient temperature
Ui nom, lo nom
–10...50
°C
Storage temperature
non operational
–25...85
°C
Relative humidity
non condensing
95 %
MTBF
MIL-HDBK-217F, N2
2'000'000 h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com