Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 2 Page - Power-One

Part # IMX35
Description  35 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMX35 Datasheet(HTML) 2 Page - Power-One

  IMX35 Datasheet HTML 1Page - Power-One IMX35 Datasheet HTML 2Page - Power-One IMX35 Datasheet HTML 3Page - Power-One IMX35 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Board Mountable
IMX 35 Series
Input
Input voltage range
20 IMX 35
9...36 V DC
40 IMX 35
18...75 V DC
Output
Output voltage setting accuracy
Ui nom, 50% lo nom
±1% U
o nom
Minimum load
recommended for tracking outputs
10%
lo nom
Line/load regulation
Ui min...Ui max, 50% lo nom,(outputs with magn. feedb.) ±0.5% Uo nom
Line regulation
Ui min...Ui max, 50% lo nom, (tracking outputs)
±1% U
o nom
Load regulation
Ui nom, 10...100% lo nom, (tracking outputs)
±3% U
o nom
Output voltage switching noise
Ui nom, 0...100% lo nom, peak-peak, total
max. 1...2%
Uo nom
Efficiency
Ui nom, lo nom
up to typ 88 %
Control and protection
Remote shut down
TTL-compatible input
disabled with
≤0.7 V
Input undervoltage lock-out
programmable
Trim input for
Uo
80...105 %
Frequency synchronisation
twice the switching frequency
480...540 kHz
Reference output
5 V
±0.1 V
Overload protection
Ui min...Ui max, hiccup mode
No-load protection
Ui min...Ui max
Temperature protection
by thermistor
Safety and EMC
Electric strength test voltage
I/O, I/case
1500 V DC
Electromagnetic interference
conducted (with external filter)
class B
radiated
class A
Environmental
Operating ambient temperature
Ui nom, lo nom
–40...71
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
93 %
Options
Extended temperature range
–40...85
°C (derating above 71°C), ambient, operating
-8
Open version
no housing, not lacquered
Z
Inhibit input (reverse logic)
TTL-compatible, disabled with
≥2.4 V or open-circuit
i



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com