Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31C Datasheet(PDF) 2 Page - Texas Instruments

Part # AM26LS31C
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31C Datasheet(HTML) 2 Page - Texas Instruments

  AM26LS31C_09 Datasheet HTML 1Page - Texas Instruments AM26LS31C_09 Datasheet HTML 2Page - Texas Instruments AM26LS31C_09 Datasheet HTML 3Page - Texas Instruments AM26LS31C_09 Datasheet HTML 4Page - Texas Instruments AM26LS31C_09 Datasheet HTML 5Page - Texas Instruments AM26LS31C_09 Datasheet HTML 6Page - Texas Instruments AM26LS31C_09 Datasheet HTML 7Page - Texas Instruments AM26LS31C_09 Datasheet HTML 8Page - Texas Instruments AM26LS31C_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
1Z
1Y
G
G
1A
4
12
1
2
3
2Z
2Y
2A
7
6
5
3Z
3Y
3A
9
10
11
4Z
4Y
4A
15
14
13
AM26LS31C, AM26LS31M
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006
FUNCTION TABLE(1)
(EACH DRIVER)
ENABLES
OUTPUTS
INPUT
A
G
G
Y
Z
H
H
X
H
L
L
H
X
L
H
H
X
L
H
L
L
X
L
L
H
X
L
H
Z
Z
(1)
H = high level, L = low level,
X = irrelevant,
Z = high impedance (off)
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com