Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3404 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3404
Description  Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3404 Datasheet HTML 1Page - National Semiconductor (TI) LM3404 Datasheet HTML 2Page - National Semiconductor (TI) LM3404 Datasheet HTML 3Page - National Semiconductor (TI) LM3404 Datasheet HTML 4Page - National Semiconductor (TI) LM3404 Datasheet HTML 5Page - National Semiconductor (TI) LM3404 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Test PCB
The test PCB for this application note is the LM3402/04
PSOP-8 Evaluation board. The board measures 1.95” by
1.25”, with 2 layers of 1oz copper and 62mil FR4. To obtain
best thermal performance, most of the top layer and the entire
bottom layer are composed of large copper areas (shapes).
These areas act as heatsinks for the LM3404HV. Of special
importance is the pad and thermal via arrangement that con-
nects the DAP of the PSOP-8 package to the ground plane
on the bottom layer. Figure 2 shows a detail of the pad, which
is the recommended layout for best thermal performance. The
LM3404HV in PSOP-8 can be used on a standard SO-8 foot-
print, and the LM3404HV in SO-8 can be used on the PSOP-8
Evaluation Board, however neither of these options take ad-
vantage of the enhanced thermal performance of the PSOP-8
when properly soldered to a thermal pad connected to a large
(1 square inch or more) copper area. Plots of the PCB layers
are shown at the end of this document.
30019202
FIGURE 2. PSOP-8 Pad and Thermal Via Layout
Power Dissipation
Power dissipation inside the LM3404HV can be divided into
three types: conduction (I2R) loss, gate charge loss, and
switching loss. For each calculation the maximum, worst-
case values have been used. Duty cycle, D, is 0.75. The
MOSFET R
DSON is 0.75Ω, gate charge, QG is 6 nC, and the
rise are fall times, t
R and tF, are 20 ns each.
Conduction loss, P
C, in the internal MOSFET
P
C = (IF x D)
2 x R
DSON = (1.0 x 0.75)
2 x 0.75 = 420 mW
Gate charging and VCC loss, P
G, in the gate drive and linear
regulator:
P
G = (IIN-OP + fSW x QG) x VIN
P
G = (675 x 10
-6 + 550000 x 6 x 10-9) x 48 = 191 mW
Switching loss, P
S, in the internal NFET:
P
S = 0.5 x VIN x IF x (tR + tF) x fSW
P
S = 0.5 x 48 x 1.0 x (40 x 10
-9) x 550000 = 528 mW
The total power dissipation inside the LM3404HV is then:
P
D = PC + PG + PS = 1.14W
Thermal Calculations
The LM3404HV has a maximum operating junction tempera-
ture (T
J) of 125°C. Calibrated testing of the LM3404HV in both
the SO-8 package (NSID LM3404HVMA) and PSOP-8 (NSID
LM3404HVMR) was performed using the actual PSOP-8
evaluation PCB. The results for junction-to-ambient thermal
resistance (
θ
JA) in °C/W are summarized below:
Package
0.5W
1.0W
1.5W
SO-8
102
99
N/A
PSOP-8
50.9
49.6
48.4
To match the expected application conditions, all tests were
performed with no air flow. Data for the SO-8 package at 1.5W
is not available because the final T
J exceeded 125°C. θJA is
as much a property of the PCB as it is of the semiconductor
chip. The top layer of the PSOP-8 Evaluation board is ap-
proximately 75% copper, and the bottom (accounting for
holes and traces) is approximately 90%. The estimated total
copper area is therefore (0.75 + 0.9) x (1.25” x 1.95”) = 4
square inches.
With the power dissipation and thermal resistance data the
maximum ambient operating temperature can be predicted
or, given the ambient operating temperature, a decision can
be made as to the proper package for the LM3404HV.
Maximum ambient operating temperature, T
A-MAX, can be de-
termined with the following equation:
T
A-MAX = TJ-MAX – PD x θJA
T
A-MAX (SO-8) = 125 – 1.14 x 99 = 12°C
T
A-MAX (PSOP-8) = 125 – 1.14 x 50 = 68°C
It is clear from the calculations that the PSOP-8 package must
be used in this high dissipation application.
As an alternative, if the ambient temperature is known, then
the die temperature of the LM3404HV can be predicted by re-
arranging the previous equation:
T
J = TA + PD x θJA
For example, if the ambient temperature inside an enclosure
with high power LEDs reaches 60°C, then the two package
options can again be evaluated:
T
J (SO-8) = 60 + 1.14 x 99 = 173°C
T
J (PSOP-8) = 60 + 1.14 x 50 = 117°C
Again, the results show that the SO-8 package will not be able
to keep the junction temperature within specification limits.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com