Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31CDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31CDR
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31CDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26LS31CDR Datasheet HTML 2Page - Texas Instruments AM26LS31CDR Datasheet HTML 3Page - Texas Instruments AM26LS31CDR Datasheet HTML 4Page - Texas Instruments AM26LS31CDR Datasheet HTML 5Page - Texas Instruments AM26LS31CDR Datasheet HTML 6Page - Texas Instruments AM26LS31CDR Datasheet HTML 7Page - Texas Instruments AM26LS31CDR Datasheet HTML 8Page - Texas Instruments AM26LS31CDR Datasheet HTML 9Page - Texas Instruments AM26LS31CDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VI − Enable G Input Voltage − V
OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
Load = 470
Ω to GND
TA = 25°C
See Note A
4
3
2
1
0
0
1
2
3
VI − Enable G Input Voltage − V
OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VCC = 5 V
Load = 470
Ω to GND
See Note A
TA = 70°C
TA = 0°C
TA = 25°C
4
3
2
1
0
0
1
2
3
VI − Enable G Input Voltage − V
OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
4
3
2
1
0
0
1
2
3
5
6
Load = 470
Ω to VCC
TA = 25°C
See Note B
VI − Enable G Input Voltage − V
OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
TA = 25°C
TA = 0°C
TA = 70°C
4
3
2
1
0
0
1
2
3
5
6
VCC = 5 V
Load = 470
Ω to VCC
See Note B
AM26LS31C, AM26LS31M
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006
Figure 2.
Figure 3.
Figure 4.
Figure 5.
A.
The A input is connected to VCC during testing of the Y outputs and to ground during testing of the Z outputs.
B.
The A input is connected to ground during testing of the Y outputs and to VCC during testing of the Z outputs.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com