Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3430 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3430
Description  LED Backlighting Solution with LM3430 and LM3432
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3430 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3430 Datasheet HTML 7Page - National Semiconductor (TI) LM3430 Datasheet HTML 8Page - National Semiconductor (TI) LM3430 Datasheet HTML 9Page - National Semiconductor (TI) LM3430 Datasheet HTML 10Page - National Semiconductor (TI) LM3430 Datasheet HTML 11Page - National Semiconductor (TI) LM3430 Datasheet HTML 12Page - National Semiconductor (TI) LM3430 Datasheet HTML 13Page - National Semiconductor (TI) LM3430 Datasheet HTML 14Page - National Semiconductor (TI) LM3430 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Bill of Materials for the Demonstration Board
Designation
Type
Part Number
Value
Package
Qty
Manufacturer
Boost Converter Section (LM3430) :
U1
Controller IC
LM3430
LLP-12
1
NSC
M1
N-MOSFET
SI2308DS
60V, 125 m
Ω, 4.8nC
SOT-23
1
Vishay
D1
Schottky Diode
RB160M-60
60V, 1A
SOD-123
1
Rohm
L1
Power Inductor
CDRH8D28NP-220NB
22 µH, 1.6A
8.3x8.3x3mm
1
Sumida
C20
Ceramic Capacitor
ECJ3YB1E106M
10 µF, 25V
1206
1
Panasonic
"C22 - C25
C28 - C31"
Ceramic Capacitor
GRM55DR61H106KA88L
10 µF, 50V
2220
8
MuRata
C0, C1, C21
Ceramic Capacitor
"GRM188R71E104KA01B
(ECJ1VB1E104K)"
0.1 µF, 25V, X7R
0603
3
"MuRata
(Panasonic)"
C2
Ceramic Capacitor
"GRM1885C1H102JA01B
(ECJ1VB1H102K)"
"1 nF, 50V, COG (1nF,
50V, X7R)"
0603
1
"MuRata
(Panasonic)"
C3, C8
Ceramic Capacitor
GRM1885C1H101JA01B
100 pF, 50V, COG
0603
2
Murata
C4
Ceramic Capacitor
"GRM188R71E473KA01B
(ECJ1VB1E473K)"
47 nF, 25V, X7R
0603
1
"MuRata
(Panasonic)"
C9
Ceramic Capacitor
GRM1885C1H120JA01B
12 pF, 50V, COG
0603
1
Murata
R0
Resistor
WSL2512R20000FEA
0.2Ω, 1W
2512
1
Vishay
R2
Resistor
CRCW06036192F
61.9 k
Ω, ±1%
0603
1
Vishay
R3
Resistor
CRCW06031823F
182 k
Ω, ±1%
0603
1
Vishay
R4
Resistor
CRCW06033010F
301Ω, ±1%
0603
1
Vishay
R5
Resistor
CRCW06031652F
16.5 k
Ω, ±1%
0603
1
Vishay
R9
Resistor
CRCW06033011F
3.01 k
Ω, ±1%
0603
1
Vishay
R12, R13
Resistor
CRCW06031183F
118 k
Ω, ±1%
0603
2
Vishay
R14
Resistor
CRCW06034021F
4.02 k
Ω, ±1%
0603
1
Vishay
R19
Resistor
CRCW06039091F
9.09 k
Ω, ±1%
0603
1
Vishay
R20, R22
Resistor
CRCW06032004F
2.0 M
Ω, ±1%
0603
2
Vishay
R21
Resistor
CRCW06030R00F
0Ω, ±1%
0603
1
Vishay
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com