Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3404 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3404
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3404 Datasheet HTML 9Page - National Semiconductor (TI) LM3404 Datasheet HTML 10Page - National Semiconductor (TI) LM3404 Datasheet HTML 11Page - National Semiconductor (TI) LM3404 Datasheet HTML 12Page - National Semiconductor (TI) LM3404 Datasheet HTML 13Page - National Semiconductor (TI) LM3404 Datasheet HTML 14Page - National Semiconductor (TI) LM3404 Datasheet HTML 15Page - National Semiconductor (TI) LM3404 Datasheet HTML 16Page - National Semiconductor (TI) LM3404 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
External MOSFET Dimming and
Contrast Ratio
Refer to figure 12. MOSFET Q4 and its drive circuitry are pro-
vided on the demonstration PCB. When MOSFET Q4 is
turned on, it shorts LED+ to LED-, therefore redirecting the
inductor current from the LED string to the shunt MOSFET.
The LM3402 / 04 is never turned off, and therefore become a
perfect current source by providing continuous current to the
output through the inductor (L1). A buck converter with an
external shunt MOSFET is the ideal circuit for delivering the
highest possible contrast ratio. Refer to figures 13-15 for typ-
ical delays and rise time for external MOSFET dimming.
30061654
FIGURE 12.
30061655
FIGURE 13. V
IN = 24V, 3 series LEDs @ 400mA
30061656
FIGURE 14. t
D + tSU Graph
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com