Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3404 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3404
Description  COT Drivers Control LED Ripple Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3404 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3404 Datasheet HTML 1Page - National Semiconductor (TI) LM3404 Datasheet HTML 2Page - National Semiconductor (TI) LM3404 Datasheet HTML 3Page - National Semiconductor (TI) LM3404 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
isolation and/or power factor correction, the LM3402 or
LM3404 buck regulator could be paired with an existing AC-
DC regulator to provide the 24V, resulting in a high-quality
universal current source.
30064502
FIGURE 2. Ripple Current vs. Output Voltage
30064503
FIGURE 3. Switching Frequency vs. Output Voltage
Design Procedure
Designing for constant ripple in a COT converter requires a
change in the selection of the on-time setting resistor R
ON:
1.
Start with the typical input voltage, V
IN-TYP, and an output
voltage that is at the center between the minimum and
maximum expected value, V
O-CTR. Use the maximum
permissible switching frequency, f
SW-MAX, and the
desired peak-to-peak inductor ripple current,
ΔiL. The
required inductance is then:
2.
Select the closest standard inductor value to L and call it
L
STD. RON can then be calculated with the following
expression:
3.
Use the closest 1% resistor value for R
ON.
4.
Design for the remaining components (input capacitor,
Schottky diode, etc.) remains the same, and is outlined
in the LM3402 and LM3404 datasheets.
Switching Frequency Changes
When using the LM3402 and LM3404 buck regulators in the
constant-ripple configuration, the switching frequency will
change with V
IN and VO. Careful attention to PCB layout and
proper filtering must be employed will all switching converters,
and particular care is needed for systems where f
SW changes.
The following steps can be used to predict the switching fre-
quency:
1.
Calculate the on-time at the minimum and maximum
values of V
IN and VO using the actual 1% resistor value
of R
ON and the following equation:
2.
The switching frequency can then be determined using
t
ON and the following expression:
Conclusion
A pure DC LED drive current would be ideal for LEDs, but in
practice the majority of LED lighting is powered from the AC
mains and includes at least one switching regulator between
the wall and the LEDs. Even battery or solar-powered sys-
tems are likely to employ a switching regulator in the interest
of power efficiency. Therefore, some amount of ripple current
will be present in almost every LED driver design. Allowing
higher ripple current reduces the size and cost of the drive
circuit, but comes at the expense of light output and reliability.
Armed with the ability to control both LED ripple current and
switching frequency, the LED lighting designer can make his/
her own trade-offs between solution size, cost, and quality
based on the needs of the application.
www.national.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com