Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IWD Datasheet(PDF) 2 Page - Power-One

Part # IWD
Description  IWD SERIES - DUAL OUTPUT, 10 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IWD Datasheet(HTML) 2 Page - Power-One

  IWD Datasheet HTML 1Page - Power-One IWD Datasheet HTML 2Page - Power-One IWD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal Impedance
Natural convection
15.4 °C/W
100 LFM
12.2 °C/W
200 LFM
9.3 °C/W
300 LFM
7.4 °C/W
400 LFM
6.4 °C/W
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated
for specific application.
IWD SERIES - DUAL OUTPUT, 10 WATT
MECHANICAL DRAWING
Pin
Function
1+Vin
2-Vin
3+ Vout
4
Common
5- Vout
Tolerances
Inches:
(Millimeters)
.XX ± 0.040
.X ± 1.0
.XXX ± .010
.XX ± 0.25
Pin:
± 0.002
± 0.05
Case:
+ 0.04, - 0.00
+ 1.0, - 0.0
(Tolerances as listed unless otherwise
specified.)
MODELS - (See the last page of section for options.)
1.40"(35.6mm)
BOTTOM VIEW
0.800"(20.3mm)
0
(4.6mm)
0.18" MIN.
(1.0mm)
DIA 0.040"
(10.2mm)
0.40"
(50.8mm)
2.00"
(25.4mm)
1.00"
4
2
5
3
1
(-2.5mm)
-0.10"
0
(20.3mm)
0.800"
(7.6mm)
0.300"
(10.2mm)
0.400"
(12.7mm)
0.500"
MODEL
INPUT VOLTAGE
INPUT VOLTAGE
MAXIMUM INPUT
OUTPUT
RATED OUTPUT
RIPPLE & NOISE
TYPICAL
(VOLTS)
RANGE (VOLTS)
CURRENT (AMPS)*
VOLTAGE (VOLTS)
CURRENT (AMPS)
pk-pk (mV)
EFFICIENCY**
IWD505
5
4.65 - 5.50
3.20
±5
±1.000
50
82%
IWD512
5
4.65 - 5.50
3.20
±12
±0.500
120
80%
IWD515
5
4.65 - 5.50
3.20
±15
±0.375
150
82%
IWD1205
12
10.90 - 13.20
1.55
±5
±1.000
50
80%
IWD1212
12
10.90 - 13.20
1.55
±12
±0.500
120
84%
IWD1215
12
10.90 - 13.20
1.55
±15
±0.375
150
82%
NOTES:
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com