Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31CDRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31CDRE4
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31CDRE4 Datasheet(HTML) 1 Page - Texas Instruments

  AM26LS31CDRE4 Datasheet HTML 1Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 2Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 3Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 4Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 5Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 6Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 7Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 8Page - Texas Instruments AM26LS31CDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
D, DB, N, NS, J, OR W PACKAGE
(TOP VIEW)
19
20
1
3
2
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4Y
4Z
NC
G
3Z
1Z
G
NC
2Z
2Y
FK PACKAGE
(TOP VIEW)
AM26LS31C, AM26LS31M
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006
•
Meets or Exceeds the Requirements of ANSI
TIA/EIA-422-B and ITU
•
Operates From a Single 5-V Supply
•
TTL Compatible
•
Complementary Outputs
•
High Output Impedance in Power-Off
Conditions
•
Complementary Output-Enable Inputs
The AM26LS31 is a quadruple complementary-output
line driver designed to meet the requirements of ANSI
TIA/EIA-422-B
and
ITU
(formerly
CCITT)
Recommendation V.11. The 3-state outputs have
high-current capability for driving balanced lines such
as twisted-pair or parallel-wire transmission lines, and
they are in the high-impedance state in the power-off
condition. The enable function is common to all four
drivers and offers the choice of an active-high or
active-low enable (G, G) input. Low-power Schottky
circuitry
reduces
power
consumption
without
sacrificing speed.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube
AM26LS31CN
AM26LS31CN
Tube
AM26LS31CD
SOIC – D
AM26LS31C
0
°C to 70°C
Tape and reel
AM26LS31CDR
SOP – NS
Tape and reel
AM26LS31CNSR
26LS31
SSOP – DB
Tape and reel
AM26LS31CDBR
SA31C
CDIP – J
Tube
AM26LS31MJB
AM26LS31MJB
–55
°C to 125°C
LCCC – FK
Tube
AM26LS31MFKB
AM26LS31MFKB
CFP – W
Tube
AM26LS31MWB
AM26LS31MWB
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1979–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AM26LS31CDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS31CDRE4 TI-AM26LS31CDRE4 Datasheet
559Kb / 18P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31CDRE4 TI-AM26LS31CDRE4 Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31CDRE4 TI1-AM26LS31CDRE4 Datasheet
1Mb / 28P
Quadruple Differential Line Driver
AM26LS31CDRE4 TI-AM26LS31CDRE4 Datasheet
1Mb / 34P
AM26LS31x Quadruple Differential Line Driver
REVISED OCTOBER 2018
More results

Similar Description - AM26LS31CDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75172 TI-SN75172 Datasheet
128Kb / 8P
QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
QUADRUPLE LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
QUADRUPLE LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
QUADRUPLE LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
QUADRUPLE DIFFRENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com