Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP Datasheet(PDF) 1 Page - Power-One

Part # IXP
Description  3 Watt DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IXP Datasheet(HTML) 1 Page - Power-One

  IXP Datasheet HTML 1Page - Power-One IXP Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.power-one.com
• High input to output isolation
• Wide input range
• Short circuit protection
IXP Series
3 Watt DC-DC Converters
Input voltage range up to 72 V DC
1 or 2 outputs up to 30 V DC
3500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Input voltage
Rated power
Type
Option
Uo nom
Io nom
Uo nom
Io nom
Ui
TA = 71°C
[V DC]
[mA]
[V DC]
[mA]
[V DC]
Po tot [W]
5
500
-
-
9...36
2.5
24 IXP 3-05-7
S
5
500
-
-
18...72
2.5
48 IXP 3-05-7
S
12
250
-
-
9...36
3
24 IXP 3-12-7
S
12
250
-
-
18...72
3
48 IXP 3-12-7
S
15
200
-
-
9...36
3
24 IXP 3-15-7
S
15
200
-
-
18...72
3
48 IXP 3-15-7
S
+5
250
–5
250
9...36
2.5
24 IXP 3-0505-7
S
+5
250
–5
250
18...72
2.5
48 IXP 3-0505-7
S
+12
125
–12
125
9...36
3
24 IXP 3-1212-7
S
+12
125
–12
125
18...72
3
48 IXP 3-1212-7
S
+15
100
–15
100
9...36
3
24 IXP 3-1515-7
S
+15
100
–15
100
18...72
3
48 IXP 3-1515-7
S
5
250
5
250
9...36
2.5
24 IXP 3-05-05-7
-
5
250
5
250
18...72
2.5
48 IXP 3-05-05-7
-
12
125
12
125
9...36
3
24 IXP 3-12-12-7
-
12
125
12
125
18...72
3
48 IXP 3-12-12-7
-
15
100
15
100
9...36
3
24 IXP 3-15-15-7
-
15
100
15
100
18...72
3
24 IXP 3-15-15-7
-
Input
Input voltage
continuous range, 24 V
9...36 V DC
continuous range, 48 V
18...72 V DC
Reverse voltage protection
shunt diode
Output
Output voltage setting accuracy
Ui nom, lo nom
±2% U
o nom
Minimum load
recommended
20%
lo nom
Line regulation
Ui min...Ui max, lo nom
±1% U
o nom
Load regulation
Ui nom, 0...100% lo nom, single output models
2%
Uo nom
dual output models
max. 3%
Uo nom
Output voltage switching noise
Ui nom, 20...100% lo nom, peak-peak, total
max. 3%
Uo nom
Efficiency
Ui nom, lo nom
up to 81%


Similar Part No. - IXP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
Intel짰 IXP2400 Network Processor
IXP425 INTEL-IXP425 Datasheet
273Kb / 4P
Optimized for Broadband Applications
IXP42X INTEL-IXP42X Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP42X INTEL-IXP42X Datasheet
2Mb / 112P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
Product Line of Network Processors
More results

Similar Description - IXP

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
3 watt dc-dc converters
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
3 watt dc-dc converters
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
3 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
3 WATT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com