Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF050P2-PINPROTECT Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # CF050P2-PINPROTECT
Description  Compact Flash Card Reader, with Pin Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CF050P2-PINPROTECT Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  CF050P2-PINPROTECT Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Connectors
CF050P2-PINPROTECT
Part Number
Specifications
Insulation Resistance:
1000M
Ω min. at 500V DC
Withstanding Voltage:
1000V AC / min.
Operational voltage:
250V AC max
Current Rating:
1A max.
Contact Resistance:
40m
Ω max.
Operating Temp. Range: -20
°C to +85°C
Mating Cycles:
10,000 times
Materials and Finish
Insulator:
LCP, glass filled (UL94V-0)
Contacts:
Phosphor Bronze
Spring:
Stainless Steel
Plating:
Contacts area - Selective Gold
Solder Tails - Tin over Nickel
Features
A special blocking mechanism ensures that only Compact Flash cards can be inserted
Recommended PCB Layout
Outline Dimensions
Info:
Recommended hole size
for fixing clips 2.5 - 2.6mm
Recommended thickness of
PCB 1.6 - 1.7mm
Recommended screw M2
Info:
Max. PCB thickness 0.8mm
min. PCB thickness 0.5mm
Series CF
Compact Flash Card Reader, with Pin Protection


Similar Part No. - CF050P2-PINPROTECT

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CF050P2-003-00-DS YAMAICHI-CF050P2-003-00-DS Datasheet
130Kb / 2P
Compact Flash Card Reader, Type I and II
CF050P2-003-00-DS2 YAMAICHI-CF050P2-003-00-DS2 Datasheet
130Kb / 2P
Compact Flash Card Reader, Type I and II
CF050P2-003-10-DS YAMAICHI-CF050P2-003-10-DS Datasheet
130Kb / 2P
Compact Flash Card Reader, Type I and II
CF050P2-003-10-DS2 YAMAICHI-CF050P2-003-10-DS2 Datasheet
130Kb / 2P
Compact Flash Card Reader, Type I and II
CF050P2-013-00-DS YAMAICHI-CF050P2-013-00-DS Datasheet
130Kb / 2P
Compact Flash Card Reader, Type I and II
More results

Similar Description - CF050P2-PINPROTECT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
AU9321 ETC-AU9321 Datasheet
138Kb / 19P
USB Compact Flash Card Reader Technical Reference Manual
TS-RDS1 ETC2-TS-RDS1 Datasheet
226Kb / 4P
USB 2.0 Compact Card Reader
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
USB2.0 Compact Card Reader
TS-RDP6 TRANSCEND-TS-RDP6 Datasheet
69Kb / 3P
USB2.0 Compact Card Reader
logo
Yamaichi Electronics Co...
CF050P-003-00DS YAMAICHI-CF050P-003-00DS Datasheet
100Kb / 1P
Compact Flash Card Reader, Type I (w. and w/o Ejector)
CF050P2-003-00-DS2 YAMAICHI-CF050P2-003-00-DS2 Datasheet
130Kb / 2P
Compact Flash Card Reader, Type I and II
CF050P2-LT YAMAICHI-CF050P2-LT Datasheet
41Kb / 1P
Compact Flash Card Reader, Locking Mechanism
logo
Holtek Semiconductor In...
HT66F4360 HOLTEK-HT66F4360 Datasheet
8Mb / 263P
Smart Card Reader Flash MCU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com