Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282964-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 282964-2
Description  TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS, 7.5mm PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

282964-2 Datasheet(HTML) 1 Page - Tyco Electronics

  282964-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 282964-2

ManufacturerPart #DatasheetDescription
logo
PROXXON. All rights res...
28296 PROXXON-28296 Datasheet
124Kb / 1P
life expectancy !
logo
Tyco Electronics
282961-2 MACOM-282961-2 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
282961-3 MACOM-282961-3 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
282961-4 MACOM-282961-4 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
282961-5 MACOM-282961-5 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? OPEN ENDS, 7.5mm PITCH
More results

Similar Description - 282964-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-796980 MACOM-C-796980 Datasheet
51Kb / 1P
TERMINAL BLOCK, HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 7.62mm PITCH
C-282826 MACOM-C-282826 Datasheet
41Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS 10mm PITCH
C-282828 MACOM-C-282828 Datasheet
106Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS 10.16mm PITCH
C-282962 MACOM-C-282962 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 7.5mm PITCH
C-796642 MACOM-C-796642 Datasheet
197Kb / 2P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? , CLOSED ENDS, 5.00mm PITCH
C-1546882 MACOM-C-1546882 Datasheet
76Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1776147 MACOM-C-1776147 Datasheet
88Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1776153 MACOM-C-1776153 Datasheet
98Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 7.5mm PITCH
C-1776161 MACOM-C-1776161 Datasheet
71Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 10.16mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com