Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G66 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66
Description  DUAL BILATERAL ANALOG SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G66 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC2G66
DUAL BILATERAL ANALOG SWITCH
SCES325J – JULY 2001 – REVISED FEBRUARY 2007
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage
0
VCC
V
VCC = 1.65 V to 1.95 V
VCC × 0.65
VCC = 2.3 V to 2.7 V
VCC × 0.7
VIH
High-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 1.65 V to 1.95 V
VCC × 0.35
VCC = 2.3 V to 2.7 V
VCC × 0.3
VIL
Low-level input voltage, control input
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VCC = 1.65 V to 1.95 V
20
VCC = 2.3 V to 2.7 V
20
∆t/∆v
Input transition rise/fall time
ns/V
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com