Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4000 Datasheet(PDF) 13 Page - Power-One

Part # LS4000
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4000 Datasheet(HTML) 13 Page - Power-One

Back Button LS4000 Datasheet HTML 9Page - Power-One LS4000 Datasheet HTML 10Page - Power-One LS4000 Datasheet HTML 11Page - Power-One LS4000 Datasheet HTML 12Page - Power-One LS4000 Datasheet HTML 13Page - Power-One LS4000 Datasheet HTML 14Page - Power-One LS4000 Datasheet HTML 15Page - Power-One LS4000 Datasheet HTML 16Page - Power-One LS4000 Datasheet HTML 17Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
13/27
R'ext
Rext
14
16
Vo1–
Vo1+
R
Vo2–
Vo2–
Vo2+
Vo2+
12
10
8
6
4
+
–
Uo1
12 V
15 V
24 V
1
06005
R'ext
Rext
14
16
Vo1–
Vo1+
R
Vo2–
Vo2–
Vo2+
Vo2+
12
10
8
6
4
Uo2
0 V
–12/–15/–24 V
+12/+15/+24 V
Uo1
1
1
+
–
06006
R'ext
Rext
14
16
Vo1–
Vo1+
R
Vo2–
Vo2–
Vo2+
Vo2+
12
10
8
6
4
Uo1
+24/+30/+48 V
+12/+15/+24 V
0 V
Uo2
1
1
2
+
+
06007
R'ext
Rext
14
16
Vo1–
Vo1+
R
Vo2–
Vo2–
Vo2+
Vo2+
12
10
8
6
4
+
–
Uo1
24 V
30 V
48 V
1
2
06004
R'ext
Rext
14
16
Vo1–
Vo1+
R
Vo2–
Vo2–
Vo2+
Vo2+
12
10
8
6
4
+
–
Uo2
12 V
15 V
24 V
–
+
12 V
15 V
24 V
Uo1
1
1
06008
R-Function for different output configurations
Fig. 21a
LS 5000 with H15 connector. R-input for output voltage
control. Wiring for output voltage 24 V or 30 V or 48 V with
main and second output connected in series.
Fig. 21b
LS 5000 with H15 connector. R-input for output voltage
control. Wiring for output voltage 12 V or 15 V or 24 V
with main and second output connected in parallel.
Fig. 21c
LS 5000 with H15 connector. R-input for output voltage
control. Wiring of main and second output for two sym-
metrical output voltages Uo1 and Uo2:
±12 V or ±15 V or
±24 V.
Fig. 21d
LS 5000 with H15 connector. R-input for output voltage
control. Wiring of main and second output for two output
voltages Uo1 and Uo2: +12 V and +24 V or +15 V and
+30 V or +24 V and +48 V.
Fig. 21e
LS 5000 with H15 connector. R-input for output voltage
control. Wiring of main and second output for two output
voltages Uo1 and Uo2: 12 V/12 V or 15 V/15 V or
24 V/24 V, the outputs are galvanically isolated.
Remarks:
Double output units fitted with H15 connectors have the
output pins of the second output, pins 4/6 and 8/10, inter-
nally paralleled.
It is recommended that pins 4/6 and 8/10 be directly paral-
leled at the female connector as well to reduce the voltage
drop across the connector.
Please note:
Uo2 varies depending upon its own load and
the load on output 1.
1 A ceramic multilayer capacitor connected across the load re-
duces ripple and spikes.
2 Shortest possible wiring for series connection at the female con-
nector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com