Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4601-7R Datasheet(PDF) 21 Page - Power-One

Part # LS4601-7R
Description  100 Watt AC-DC Converters with PFC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4601-7R Datasheet(HTML) 21 Page - Power-One

Back Button LS4601-7R Datasheet HTML 17Page - Power-One LS4601-7R Datasheet HTML 18Page - Power-One LS4601-7R Datasheet HTML 19Page - Power-One LS4601-7R Datasheet HTML 20Page - Power-One LS4601-7R Datasheet HTML 21Page - Power-One LS4601-7R Datasheet HTML 22Page - Power-One LS4601-7R Datasheet HTML 23Page - Power-One LS4601-7R Datasheet HTML 24Page - Power-One LS4601-7R Datasheet HTML 25Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
21/27
P Potentiometer
The potentiometer provides an output voltage adjustment
range of +10/–60% of
Uo nom and is accessible through a
hole in the front cover. This feature enables compensation
for voltage drops across the connector and wiring. Option P
is not recommended if units are connected in parallel.
Option P excludes the R-function. With double output units
both outputs are affected by the potentiometer setting (dou-
bling the voltage setting if the outputs are in series).
If the output voltages are increased above
Uo nom via R-in-
put control, option P setting, remote sensing or option T, the
output current(s) should be reduced accordingly so that
Po nom is not exceeded.
-9 Extended Temperature Range
Option –9 extends the operational ambient temperature
range from –25...71
°C (standard) to –40...71°C. The power
supplies provide full nominal output power with convection
cooling. Option -9 excludes inrush current limitation by
NTC.
Description of Options
Table 16: Survey of options
Option
Function of option
Characteristic
–9
Extended operational ambient temperature range
TA = –40...71°C
E
Electronic inrush current limitation circuitry
Active inrush current limitation
P 1
Potentiometer for fine adjustment of output voltage
Adjustment range +10/-60% of
Uo nom, excludes R input
D 2
Input and/or output undervoltage monitoring circuitry
Safe data signal output (D0...DD)
V 2 3
Input and/or output undervoltage monitoring circuitry
ACFAIL signal according to VME specifications (V0, V2, V3)
T
Current sharing
Interconnect T-pins if paralleling outputs (5 units max.)
B1, B2
Cooling plate
Replaces standard heat sink, allowing direct chassis-mounting
1 Function R excludes option P and vice versa
2 Option D excludes option V and vice versa
3 Only available if main output voltage Uo1 = 5.1 V
Table 14: Leakage currents
Characteristic
Class I
Unit
LS 4000...LS 5000
Maximum earth
Permissible according to IEC/EN 60950
3.5
mA
leakage current
Specified value at 254 V, 50 Hz
0.82
Safety of operator accessible output circuit
If the output circuit of an AC-DC converter is operator ac-
cessible, it shall be an SELV circuit according to the IEC/EN
60950 related safety standards.
The following table shows a possible installation configura-
tion, compliance with which causes the output circuit of an
S series AC-DC converter to be an SELV circuit according
to IEC/EN 60950 up to a configured output voltage (sum of
nominal voltages if in series or +/– configuration) of 36 V.
However, it is the sole responsibility of the installer to as-
sure the compliance with the relevant and applicable safety
regulations. More information is given in:
Technical Infor-
mation: Safety.
Table 15: Safety concept leading to an SELV output circuit
Conditions
AC-DC converter
Installation
Result
Nominal voltage
Grade of insulation
Measures to achieve the resulting
Safety status of the AC-DC
between input and output
safety status of the output circuit
converter output circuit
provided by the AC-DC converter
Mains
Double or reinforced
Earthed case 1 and installation
SELV circuit
≤250 V AC
according to the applicable standards
1 The earth connection has to be provided by the installer according to the relevant safety standards, e.g. IEC/EN 60950.
AC-DC
con-
verter
Mains
SELV
Earth connection
+
–
~
~
10021
Fuse
Fuse
Fig. 30
Schematic safety concept. Use fuses and earth connec-
tion as per Installation Instructions and table Safety con-
cept leading to an SELV output circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com