Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP30 Datasheet(PDF) 2 Page - Power-One

Part # MAP30
Description  Universal Input 85-264 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP30 Datasheet(HTML) 2 Page - Power-One

  MAP30 Datasheet HTML 1Page - Power-One MAP30 Datasheet HTML 2Page - Power-One MAP30 Datasheet HTML 3Page - Power-One MAP30 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
MAP42
85
264
VAC
MAP30, MAP40
90
264
Input Frequency
AC input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
85
VAC
Hold-up Time
Nominal AC Input Voltage (115VAC), full rated load.
15
mS
Input Current
90 VAC (40W load).
1.2
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 264VAC (one cycle). 25° C.
38
APK
Operating Frequency
Switching frequency of power supply (fixed frequency).
23
25
30
kHz
OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full load, 120VAC.
70
%
Minimum Loads
Single output models; MAP30, MAP42.
0.0
Amps
All multiple output models, see regulation graphs.
Ripple and Noise
Full load, 20MHz bandwidth.
See Model Selection Chart.
Output Power
Multiple output models with convection cooling.
40
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on, V1.
1
%
Regulation
Varies by output, total regulation includes: Line changes from 90-132
VAC or 175-264, changes in load starting at 20% load and changing
See regulation graphs.
to 100% load.
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100%
500
µS
load change, 4% max. deviation. (Main output only of multiple output units).
Turn-on Delay
Time required for initial output voltage stabilization.
1
2
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
mS
INTERFACE SIGNALS AND INTERNAL PROTECTION
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
MAP30-1005, MAP42-1005
5.8
6.8
Overvoltage
MAP42-1012
20.0
22.0
V
Protection
MAP42-1024
32.0
37.0
Main output only of multiple output units.
5.8
6.8
Overload
Fully protected against output overload and short circuit. Automatic
130
%
Protection
recovery upon removal of overload condition.
Remote Sense
Total cable drop, single output models only.
250
mV
SAFETY, REGULATORY, AND EMI SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
UL1950.
CSA 22.2 No. 234/950.
Approved.
EN60950 (TUV).
Dielectric Withstand
Input to output.
2600
VDC
Voltage
Electromagnetic
FCC CFR title 47 part 15 sub-part B - conducted.
B
Interference
EN55022 / CISPR 22 conducted (Note 1).
B
Class
EN55022 / CISPR 22 radiated (Note 2).
B
Input Transient
EN61000-4-5 Level 3
Line to Line
1
kV
Protection
Line to Ground
2
Insulation Resistance
Input to output.
7
M
Ω
Leakage Current
Per EN60950, 264VAC
MAP42, MAP40-3100, 3001, 3105, 3500
500
µA
MAP30-1005, MAP40-3000, MAP40-3003
750
NOTES: 1) MAP30-1005, MAP40-3000, MAP40-3003 meet Class A.
2) MAP40-3000, MAP40-3003, MAP3500 meet Class A.
MAP30/40/42 SERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com