Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB80-1012 Datasheet(PDF) 3 Page - Power-One

Part # MPB80-1012
Description  Power Factor Correction (PFC) Meets EN61000-3-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB80-1012 Datasheet(HTML) 3 Page - Power-One

  MPB80-1012 Datasheet HTML 1Page - Power-One MPB80-1012 Datasheet HTML 2Page - Power-One MPB80-1012 Datasheet HTML 3Page - Power-One MPB80-1012 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SAFETY, REGULATORY, AND EMI SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
AC Input Harmonic Distortion
In compliance per EN61000-3-2.
Agency Approvals
UL1950.
CSA 22.2 No. 234/950.
Approved
EN60950 (TÜV).
Dielectric Withstand Voltage
Input to output, 1 second.
2600
VDC
Electromagnetic Interference,
FCC CFR title 47 Part 15.
B
Class
Conducted
EN55022 / CISPR 22
B
Input Transient Protection
EN61000-4-5 class 3.
2
kV
Insulation Resistance
Input to output.
10
M
Leakage Current
Per EN60950, 264 VAC.
1.0
mA
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
30k
Cooling
See model selection table for individual convection/forced air rating.
Operating Temperature
At 100% load.
0
50
°C
Derate linearly above 50°C by 2% per °C.
0
70
Storage Temperature
-40
85
°C
Relative Humidity
Non-condensing.
95
%
Shock
Peak acceleration.
20
GPK
Vibration
Random vibration, 10 Hz to 2 kHz, 3 axis.
6
GRMS
MPB80 SERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com