Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET1-4130 Datasheet(PDF) 1 Page - Power-One

Part # NET1-4130
Description  Currents Over 100 Amps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET1-4130 Datasheet(HTML) 1 Page - Power-One

  NET1-4130 Datasheet HTML 1Page - Power-One NET1-4130 Datasheet HTML 2Page - Power-One NET1-4130 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NET1 SERIES
MULTIPLE OUTPUT MODEL SELECTION CHART – 240W WITH 300 LFM FORCED AIR COOLING
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT (NOTE 1)
REGULATION
REGULATION
%Pk-Pk (NOTE 2)
ACCURACY
+3.3V
+0.5V
50A
0.2%
1%
1% or 50mV
± 30mV
NET1-4325
+2.5V
+0.5V
50A
0.2%
1%
1% or 50mV
± 30mV
+5V
FIXED
5A
0.2%
3%
1% or 50mV
± 30mV
+12V
FIXED
4A
0.2%
3%
1% or 50mV
± 100mV
+1.8V
+0.5V
50A
0.2%
1%
1% or 50mV
± 20mV
NET1-4130
+3.3V
+0.5V
50A
0.2%
1%
1% or 50mV
± 30mV
+5V
FIXED
5A
0.2%
3%
1% or 50mV
± 30mV
+12V
FIXED
4A
0.2%
3%
1% or 50mV
± 100mV
+1.8V
+0.5V
50A
0.2%
1%
1% or 50mV
± 20mV
NET1-4112
+1.65V
+0.5V
50A
0.2%
1%
1% or 50mV
± 30mV
+5V
FIXED
5A
0.2%
3%
1% or 50mV
± 30mV
+12V
FIXED
4A
0.2%
3%
1% or 50mV
± 100mV
NOTES: 1) Output currents ratings are expressed with 300 LFM forced air.
2) Maximum peak-to-peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
INPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC input.
47
63
Hz
Hold-up Time
After last AC line peak at 240 watts.
20
mS
Input Current
85 VAC at full rated load.
4.0
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 220 VAC, one cycle, 25°C.
35
APK
Power Factor
Per EN61000-3-2.
0.95
W/VA
FEATURES
• Currents Over 100 Amps
• Fits 1U Chassis Height Constraints
• No Minimum Load Requirement
• Current Share Capabilities on All Outputs
• Patented High-Efficiency Design
• Meets European Power Factor Requirements for 2001
• Excellent Load Transient Response
Designed to meet the stringent requirements of today’s high-speed
datacom and telecom circuitry, Power-One’s NET1 series is an excellent
compact power solution for low-voltage, high-current applications. The
NET1’s high efficiency is achieved through the use of synchronous
rectification and a newly-patented “Soft Transition Forward Converter”.
The NET1’s rectification method lowers output losses, reduces system
cooling requirements (allowing greater power in a smaller package), and
eliminates minimum load requirements.
Advanced surface-mount design and packing technology reduce the
NET1’s height to 1.35” (34.3mm) to fit in 1U applications. NET1’s
high-performance active power factor circuitry meets EN61000-3-2
requirements for compliance with European Power Line Harmonic
Requirements for 2001. A multifunctional output terminal allows
connection to #8 ring lugs, 0.25” quick disconnects, cable connectors,
and PCB-mounted connectors.
1
Advanced Product
Release
Rev. 11/2000


Similar Part No. - NET1-4130

ManufacturerPart #DatasheetDescription
logo
Power-One
NET1-4130 POWER-ONE-NET1-4130 Datasheet
104Kb / 4P
AC-DC Series
More results

Similar Description - NET1-4130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP52N10 ONSEMI-NTP52N10 Datasheet
72Kb / 8P
Power MOSFET 52 Amps, 100 Volts
December, 2003 ??Rev. 2
logo
Solid States Devices, I...
SSR2010J SSDI-SSR2010J Datasheet
169Kb / 2P
20 AMPS 100 VOLTS SCHOTTKY RECTIFER
SSR2008M SSDI-SSR2008M Datasheet
55Kb / 2P
20 AMPS 100 VOLTS CHOTTKY RECTIFER
logo
ON Semiconductor
MTD9N10E ONSEMI-MTD9N10E Datasheet
113Kb / 12P
POWER MOSFET 9 AMPS, 100 VOLTS
February, 2001 ??Rev. 4
logo
First Components Intern...
100UR05 FCI-100UR05 Datasheet
202Kb / 1P
100 Amps Power Rectifiers Metal Stud
logo
ON Semiconductor
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
logo
Naina Semiconductor ltd...
NDD100B NAINA-NDD100B Datasheet
173Kb / 3P
Diode-Diode Module, 100 Amps
N3D100A30 NAINA-N3D100A30 Datasheet
183Kb / 2P
Non-isolated Diode Module, 100 Amps
N3T100 NAINA-N3T100 Datasheet
170Kb / 2P
Non-isolated Thyristor Module, 100 Amps
NDD100 NAINA-NDD100 Datasheet
215Kb / 3P
Diode-Diode Module, 100 Amps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com