Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2GU04DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2GU04DBVR
Description  DUAL INVERTER GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2GU04DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2GU04DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2GU04DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DBVPACKAGE
(TOP VIEW)
DCKPACKAGE
(TOP VIEW)
2
GND
V
CC
5
3
4
2A
2Y
6
1
1A
1Y
3
4
2A
2
GND
2Y
5
1
1A
V
CC
6
1Y
YZP PACKAGE
(BOTTOMVIEW)
2
GND
V
CC
1
5
1A
2A
4
3
2Y
6
1Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC2GU04
DUAL INVERTER GATE
SCES197M – APRIL 1999 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• Typical V
OHV (Output VOH Undershoot) >2 V at
NanoFree™ Package
V
CC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• Unbuffered Outputs
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Max t
pd of 3.7 ns at 3.3 V
• ESD Protection Exceeds JESD 22
• Low Power Consumption, 10-µA Max I
CC
–
2000-V Human-Body Model (A114-A)
• ±24-mA Output Drive at 3.3 V
–
200-V Machine Model (A115-A)
• Typical V
OLP (Output Ground Bounce) <0.8 V
at V
CC = 3.3 V, TA = 25°C
–
1000-V Charged-Device Model (C101)
This dual inverter is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2GU04 contains two inverters with unbuffered outputs and performs the Boolean function Y = A.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74LVC2GU04YZPR
_ _ _CD_
(Pb-free)
Reel of 3000
SN74LVC2GU04DBVR
–40°C to 85°C
SOT (SOT-23) – DBV
CU4_
Reel of 250
SN74LVC2GU04DBVT
SN74LVC2GU04DCKR
SOT (SC-70) – DCK
Reel of 3000
CD_
SN74LVC2GU04DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2GU04DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04DBVR TI-SN74LVC2GU04DBVR Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2GU04DBVR TI2-SN74LVC2GU04DBVR Datasheet
700Kb / 20P
Dual Inverter Gate
REVISED DECEMBER 2013
SN74LVC2GU04DBVR.B TI2-SN74LVC2GU04DBVR.B Datasheet
700Kb / 20P
Dual Inverter Gate
REVISED DECEMBER 2013
More results

Similar Description - SN74LVC2GU04DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
DUAL INVERTER GATE
Rev 3
logo
Texas Instruments
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
Dual Inverter Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com