Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5308 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 2 Page - Analog Devices

  AD5308 Datasheet HTML 1Page - Analog Devices AD5308 Datasheet HTML 2Page - Analog Devices AD5308 Datasheet HTML 3Page - Analog Devices AD5308 Datasheet HTML 4Page - Analog Devices AD5308 Datasheet HTML 5Page - Analog Devices AD5308 Datasheet HTML 6Page - Analog Devices AD5308 Datasheet HTML 7Page - Analog Devices AD5308 Datasheet HTML 8Page - Analog Devices AD5308 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5308/AD5318/AD5328
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Functional Block Diagram .............................................................. 3
Specifications..................................................................................... 4
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Terminology .................................................................................... 13
Theory of Operation ...................................................................... 15
Digital-to-Analog Converter .................................................... 15
Resistor String ............................................................................. 15
Output Amplifier........................................................................ 15
Power-On Reset .......................................................................... 16
Power-Down Mode .................................................................... 16
Serial Interface ............................................................................ 16
Low Power Serial Interface ....................................................... 18
Load DAC Input (LDAC) Function......................................... 18
Double-Buffered Interface ........................................................ 18
Microprocessor Interface............................................................... 19
ADSP-2101/ADSP-2103-to-AD5308/AD5318/AD5328
Interface ....................................................................................... 19
68HC11/68L11-to-AD5308/AD5318/AD5328 Interface ..... 19
80C51/80L51-to-AD5308/AD5318/AD5328 Interface......... 19
Microwire-to-AD5308/AD5318/AD5328 Interface.............. 20
Applications Information .............................................................. 21
Typical Application Circuit....................................................... 21
Driving VDD from the Reference Voltage ................................ 21
Bipolar Operation Using the AD5308/AD5318/AD5328..... 21
Opto-Isolated Interface for Process Control Applications ... 21
Decoding Multiple AD5308/AD5318/AD5328s.................... 22
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
3/07—Rev. C to Rev. D
Updated Format..................................................................Universal
Changes to Absolute Maximum Ratings Section ......................... 7
9/05—Rev. B to Rev. C
Updated Format..................................................................Universal
Change to Equation........................................................................ 21
11/03—Rev. A to Rev. B
Changes to Ordering Guide ............................................................ 4
Changes to Y axis on TPCs 12, 13, and 15 .................................... 9
8/03—Rev. 0 to Rev. A
Added A Version.................................................................Universal
Changes to Features.......................................................................... 1
Changes to Specifications ................................................................ 2
Edits to Absolute Maximum Ratings ............................................. 4
Edits to Ordering Guide .................................................................. 4
Updated Outline Dimensions ....................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com