Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E50A2CS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # E50A2CS
Description  STACK SILICON DIFFUSED DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

E50A2CS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  E50A2CS Datasheet HTML 1Page - KEC(Korea Electronics) E50A2CS Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010. 1. 28
1/2
SEMICONDUCTOR
TECHNICAL DATA
E50A2CS, E50A2CR
STACK SILICON DIFFUSED DIODE
Revision No : 0
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
FEATURES
・Average Forward Current : I
O=50A.
・Repetitive Peak Reverse Voltage : V
RRM=200V.
POLARITY
E50A2CS (+ Type)
E50A2CR (- Type)
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
A1
A2
A3
B1
D3
D2
B2
C1
C2
D1
2.0 0.3
1.9 0.3
8.5 0.3
E
10.0 0.3
13.5 0.3
24.0 0.5
10.0 0.3
5.0 0.3
2.5 0.3
5.0 0.3
4.5 0.3
9.0 0.3
1.0 0.3
4.4 0.5
0.6 0.3
DIM
MILLIMETERS
F
G
H
T
A3
A2
A1
D3
EF
G
MR
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=100A
-
-
1.05
V
Repetitive Peak Reverse Current
IRRM
VRRM=200V
-
-
50
μA
Reverse Recovery Time
trr
IF=0.1A, IR=0.1A
-
-
15
μS
Temperature Resistance
Rth
DC total junction to case
-
-
1.0
℃/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
Average Forward Current
IF(AV)
50
A
Peak 1 Cycle Surge Current
IFSM
600 (50Hz)
A
Junction Temperature
Tj
-40~190
℃
Storage Temperature Range
Tstg
-40~150
℃


Similar Part No. - E50A2CS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E50A2CS KEC-E50A2CS_15 Datasheet
471Kb / 2P
STACK SILICON DIFFUSED DIODE
More results

Similar Description - E50A2CS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
F1B2CCI KEC-F1B2CCI_07 Datasheet
450Kb / 2P
STACK SILICON DIFFUSED DIODE
F1B2CAI KEC-F1B2CAI_15 Datasheet
450Kb / 2P
STACK SILICON DIFFUSED DIODE
E25A2CS KEC-E25A2CS_15 Datasheet
448Kb / 2P
STACK SILICON DIFFUSED DIODE
E30A2CDS KEC-E30A2CDS_15 Datasheet
32Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A2CPS KEC-E35A2CPS Datasheet
65Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A2CR KEC-E35A2CR_15 Datasheet
93Kb / 2P
STACK SILICON DIFFUSED DIODE
E35A27VBS KEC-E35A27VBS_15 Datasheet
199Kb / 1P
STACK SILICON DIFFUSED DIODE
E65A21VBS KEC-E65A21VBS Datasheet
352Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A37VR KEC-E35A37VR Datasheet
82Kb / 1P
STACK SILICON DIFFUSED DIODE
E35A37VS KEC-E35A37VS Datasheet
82Kb / 1P
STACK SILICON DIFFUSED DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com