Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R103T-FLK Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E5GN-R103T-FLK
Description  Basic-type Digital Temperature Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R103T-FLK Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E5GN-R103T-FLK Datasheet HTML 9Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 10Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 11Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 12Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 13Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 14Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 15Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 16Page - Omron Electronics LLC E5GN-R103T-FLK Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
E5GN
14
External Connections
• A voltage output (control output, for driving SSR) is not electrically
insulated from the internal circuits. When using a grounding
thermocouple, do not connect any of the control output terminals to
ground. (If the control output terminals are connected to ground,
errors will occur in the measured temperature values as a result of
leakage current.)
E5GN
Controllers
Wiring
E5GN
Models with Screw Terminal Blocks (M3 Screws)
E5GN-
@-C
Models with Screwless Clamp Terminal Blocks
+
+
+
7
8
9
10
11
12
1
2
3
4
5
6
Relay output
250 VAC, 2 A (resistive load)
Voltage output (for driving SSR)
12 VDC, 21 mA
Current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500
Ω max.
V
B
B
A
EV1
EV2
mA
DO NOT
USE
CT
DO NOT
USE
DO NOT
USE
DO NOT
USE
13
14
Terminal Arrangement
Models with Screw
Terminal Blocks
Models with Screwless
Clamp Terminal Blocks
1234
56
7
8
9
10 11 12
1234
56
7
8
9
10 11 12
• 100 to 240 VAC
• 24 VAC/VDC (no polarity)
Control output 1
250 VAC, 2 A (resistive load)
Relay outputs
The E5
@N-@@@T@ is set for a K thermocouple
(input type of 5) by default. If a difference sensor is
used, an input error (
s.err) will occur. Check the
setting of the input type parameter.
Auxiliary outputs 1 and 2
+ Control
output 1
Input power
supply
Auxiliary
output 1
Universal TC/Pt input
Analog input
Event input
CT input
RS-485
communications
RS-232C
communications
Auxiliary output 2
connection screws
Auxiliary
output 2
A heater burnout alarm, heater short
alarm, heater overcurrent alarm, or
input error is sent to the output to
which the alarm 1 function is assigned.
B (+)
A (
−)
SG
RD
SD
M3 Screw Terminal Blocks
• Crimp terminal shape: Forked or round
• Tightening torque for all terminals: 0.5 N•m
5.8 mm max.
5.8 mm max.
Models with Screwless Clamp Terminal Blocks
• Wire stripping: 10 mm
• Ferrules: 8 to 12 mm
0.8 to 1.4 mm
10 mm
8 to 12 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com