Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R1LU Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CN-R1LU
Description  Basic-type Digital Temperature Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R1LU Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CN-R1LU Datasheet HTML 1Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 2Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 3Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 4Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 5Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 6Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 7Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 8Page - Omron Electronics LLC E5CN-R1LU Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
E5CN/E5CN-U
Ordering Information
Controllers with Terminal Blocks
Note: Models with analog inputs do not have temperature unit indicators.
Option Units
One of the following Option Units can be mounted to provide the E5CN with additional functions.
Note: Option Units cannot be used for plug-in models.
These Option Units are applicable only to models released after January 2008.
Size
Case color
Power supply
voltage
Input type
Auxiliary outputs
Control output 1
Model
1/16 DIN
48
× 48 × 78
(W
× H × D)
Black
100 to 240 VAC
Thermocouple or
Resistance
thermometer
None
Relay output
E5CN-RMT-500
Voltage output (for driving SSR)
E5CN-QMT-500
Current output
E5CN-CMT-500
2
Relay output
E5CN-R2MT-500
Voltage output (for driving SSR)
E5CN-Q2MT-500
Current output
E5CN-C2MT-500
Long-life relay output (hybrid)
E5CN-Y2MT-500
24 VAC/VDC
Thermocouple or
Resistance
thermometer
None
Relay output
E5CN-RMTD-500
Voltage output (for driving SSR)
E5CN-QMTD-500
Current output
E5CN-CMTD-500
2
Relay output
E5CN-R2MTD-500
Voltage output (for driving SSR)
E5CN-Q2MTD-500
Current output
E5CN-C2MTD-500
100 to 240 VAC
Analog
(current/voltage)
None
Relay output
E5CN-RML-500
Voltage output (for driving SSR)
E5CN-QML-500
Current output
E5CN-CML-500
2
Relay output
E5CN-R2ML-500
Voltage output (for driving SSR)
E5CN-Q2ML-500
Current output
E5CN-C2ML-500
Long-life relay output (hybrid)
E5CN-Y2ML-500
24 VAC/VDC
Analog
(current/voltage)
2
Relay output
E5CN-R2MLD-500
Voltage output (for driving SSR)
E5CN-Q2MLD-500
Current output
E5CN-C2MLD-500
Silver
100 to 240 VAC
Thermocouple or
Resistance
thermometer
None
Relay output
E5CN-RMT-W-500
Voltage output (for driving SSR)
E5CN-QMT-W-500
Current output
E5CN-CMT-W-500
2
Relay output
E5CN-R2MT-W-500
Voltage output (for driving SSR)
E5CN-Q2MT-W-500
Current output
E5CN-C2MT-W-500
Long-life relay output (hybrid)
E5CN-Y2MT-W-500
24 VAC/VDC
2
Relay output
E5CN-R2MTD-W-500
Voltage output (for driving SSR)
E5CN-Q2MTD-W-500
Current output
E5CN-C2MTD-W-500
Functions
Model
Communications
RS-485
3-phase heater burnout/SSR failure/
Heater overcurrent detection
E53-CNHH03N2
Heater burnout/SSR failure/Heater
overcurrent detection
Event inputs
E53-CNHBN2
Communications
RS-485
Control output 2
(Voltage for driving SSR)
E53-CNQ03N2
Event inputs
External power supply for
ES1B
E53-CNPBN2
Heater burnout/SSR failure/Heater
overcurrent detection
External power supply for
ES1B
E53-CNPHN2
Communications
RS-485
External power supply for
ES1B
E53-CNP03N2
Communications
RS-485
Heater burnout/SSR failure/Heater
overcurrent detection
E53-CNH03N2
Communications
RS-485
E53-CN03N2
Event inputs
E53-CNBN2
Heater burnout/SSR failure/Heater
overcurrent detection
Control output 2
(Voltage for driving SSR)
E53-CNQHN2
3-phase heater burnout/SSR failure/
Heater overcurrent detection
Control output 2
(Voltage for driving SSR)
E53-CNQHHN2
Event inputs
Control output 2
(Voltage for driving SSR)
E53-CNQBN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com