Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDFS1041 Datasheet(PDF) 2 Page - Tyco Electronics

Part # CDFS1041
Description  CDFS Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CDFS1041 Datasheet(HTML) 2 Page - Tyco Electronics

  CDFS1041 Datasheet HTML 1Page - Tyco Electronics CDFS1041 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 11.2009
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
www.tycoelectronics.com
www.corcom.com
CDFS Series (continued)
Model
Type
Impedance
Insertion Loss (dB)
Current
No.*
(Ohms)
Pass Band
Stop Band
(Amp)
CDFS1038
Telephone
300/600
5kHz
65 dB, 14kHz,
0.16
(KS20162)
100 dB, 30kHz-10GHz
CDFS1004-A
Telephone
300/600
3kHz
100 dB,
0.5
(Standard)
14kHz-10GHz
CDFS1039
Telephone
300/600
5kHz
80 dB,
0.5
(Special)
14kHz-10GHz
CDFS1030
Data
300/600
28kHz
100 dB,
0.2
(9.6kB)
200kHz-10GHz
CDFS1040
Data
50/100
56kHz
100 dB,
0.2
(19.2kB)
300kHz-10GHz
CDFS1041
Data
50/100
168kHz
100 dB,
0.2
(56kB)
1MHz-10GHz
CDFS1028
Fire Alarm†
N/A
N/A
100 dB,
1.0
(Analog)
14kHz to 10GHz
CDFS1029
Comm/
22.5/45
3kHz
100 db,
0.5
Intercom
14kHz-10GHz
CDFS1042
Control
N/A
N/A
100 db,
1.0
(1A)
14kHz-10GHz
CDFS1043
Control
N/A
N/A
100 db,
3.0
(3A)
14kHz-10GHz
CDFS1044
Control
N/A
N/A
100 db,
5.0
(5A)
14kHz-10GHz
The above filters are used for AC or DC applications up to 125VAC/400VDC, EXCEPT CDFS1029 which is 50 VAC/100 VDC.
* Add "S" for surge arrestors. Ex: CDFS1038-S
† The CDFS1028 is intended for installations in analog applications only. Not designed for use in digital systems.
9.00
228.6
14.0 ± 1.0
355.6 25.4
Insulated
Wires (2)
1.0 (25.4) Running
Thread
6-32 Thread
Knockouts for
0.75 (19.05) & 1.0 (25.4)
Conduit
3 Places
Removable
Cover
2.50
63.5
3.50
88.9
2.00
50.8
**
** CDFS1004-A dimension: 6.81 [172.9]
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com