Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB-2221 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # VB-2221
Description  Multiple Limit Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB-2221 Datasheet(HTML) 4 Page - Omron Electronics LLC

  VB-2221 Datasheet HTML 1Page - Omron Electronics LLC VB-2221 Datasheet HTML 2Page - Omron Electronics LLC VB-2221 Datasheet HTML 3Page - Omron Electronics LLC VB-2221 Datasheet HTML 4Page - Omron Electronics LLC VB-2221 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VB
4
Safety Precautions
Refer to Safety Precautions for All Limit Switches.
Connection
• Be sure to connect a fuse with a breaking current 1.5 to 2 times
larger than the rated current to the Switch in series in order to
protect the Switch from damage due to short-circuiting.
• If the VB is used for EN ratings, use a gI or gG 10-A fuse approved
by IEC269.
Operation
Make sure the notch of the plunger is not pressed into the scraper
when operating the VB Multiple Limit Switch, otherwise chips or dust
may penetrate into the VB Multiple Limit Switch.
Sealing
• The switch box and cover are made of die-cast aluminum and the
mounting part of the Switch is covered with a seal cap, and ensure
a sealing performance of more than 98
×103 Pa for the VB Multiple
Limit Switch.
The filter on the side of the head prevents oil and water from
penetrating into the interior of the VB Multiple Limit Switch while
preventing the internal pressure of the VB Multiple Limit Switch
from rising when the plunger is pressed.
The seal scraper on the tip of the actuator prevents chips and dust
from penetrating into the moving parts of the VB Multiple Limit
Switch.
• Apply extra tightening to the cap screw on the conduit.
• In order to protect the plunger from abrasion and prolong its
service life, apply a small amount of grease to the plunger and dog
or cam that come into contact with the plunger. (Molybdenum
disulfide grease is recommended.)
Appropriate Tightening Torque
1. Tighten each cover mounting screw to a torque of 1.18 to
1.37 N·m.
2. Tighten each switch terminal screw to a torque of 0.19 to 0.29 N·m
if the mounting screw is M3 in size.
Be sure to wire each solderless terminal correctly with a screw as
shown below.
3. Apply a torque of 5.88 to 6.86 N·m to tighten each mounting bolt
of the casing if the mounting bolt is an Allen-head bolt that is M6 in
size. Apply a torque of 8.04 to 9.22 N·m instead if the mounting bolt
is an Allen-head bolt that is M8 in size.
Mounting Holes
Wiring
Connect a cable with a thickness of 0.75 mm2 to the VB Multiple Limit
Switch through the M3 round solderless terminals with insulation
covers.
Dimensions of Round Solderless Terminal
Wiring (Ground Terminal Models)
Consult your OMRON representative for details on models with 3 to 6
plungers.
Others
• Carefully connect a conduit to each conduit hole and apply a seal
or tape to seal the conduit hole so that cuttings or other materials
will not penetrate through the conduit hole.
• Use the SC Connector. Consult your OMRON representative for
details on SC Connectors.
• Make sure that the position of the actuator that is traveling does not
exceed the overtravel (OT) position. Make sure that the operating
stroke is 70% to 100% of the specified OT distance.
Precautions for Safe Use
Operating plunger
Movable plunger
Seal scraper
Cap
Seal cap
Switch box
Cover
Seal gasket
O ring
Cap screw
Standard switch
Solderless terminal
Terminal screw
Correct
Incorrect
98±0.2
13±0.2
14±0.2
28±0.3
50±0.2
15±0.2
50±0.2
With a Flange Switch Box
Four, 6.5-dia. or M6
mounting holes
Two, 8.5-dia. or M8
mounting holes
Two, 6 dia.
−0.05/−
0.15
protruding positions
Without a Flange Switch Box
Two, 8.5-dia. or M8
mounting holes
D dia.
dZ
dia.
L
l
F
B
dz dia.: 3.2
D dia.: 1.9
B:
5.2
L:
16.4
F:
5.8
l:
8.0 (mm)
Ground terminal
SC connector
Built-in switch
VB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com