Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8202 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8202
Description  Single Supply, Rail-to-Rail Output Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8202 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8202 Datasheet HTML 2Page - New Japan Radio NJM8202 Datasheet HTML 3Page - New Japan Radio NJM8202 Datasheet HTML 4Page - New Japan Radio NJM8202 Datasheet HTML 5Page - New Japan Radio NJM8202 Datasheet HTML 6Page - New Japan Radio NJM8202 Datasheet HTML 7Page - New Japan Radio NJM8202 Datasheet HTML 8Page - New Japan Radio NJM8202 Datasheet HTML 9Page - New Japan Radio NJM8202 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM8202
■ TYPICAL CHARACTERISTICS
Maximum Output Voltage vs. Supply Voltage
(Temperature)
Gv=open, RL=5kΩ
-8
-6
-4
-2
0
2
4
6
8
01
23
45
67
8
Supply Voltage V
+/V-[V]
Ta=85ºC
Ta=25ºC
Ta=-40ºC
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Maximum Output Voltage vs. Supply Voltage
(Temperature)
Gv=open, RL=10kΩ
-8
-6
-4
-2
0
2
4
6
8
01
23
456
78
Supply VoltageV
+/V-[V]
Ta=-40ºC
Ta=25ºC
Ta=85ºC
Ta=-40ºC
Ta=25ºC
Ta=85ºC
- 7 -
Ver.2010-03-25
40dBGain/Phase vs. Frequency (Temperature)
V
+/V-=±1.25V, V
IN=-30dBm, GV=40dB, RF=10kΩ, CL=10pF
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Gain
Phase
1k
10k
100k
1M
10M
100M
Ta=25ºC
Ta=-40ºC
Ta=85ºC
40dBGain/Phase vs. Frequency (Temperature)
V
+/V-=±2.5V, V
IN=-30dBm, GV=40dB, RF=10kΩ, CL=10pF
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Gain
Phase
1k
10k
100k
1M
10M
100M
Ta=25ºC
Ta=-40ºC
Ta=85ºC
40dBGain/Phase vs. Frequency (Load Capacitance)
V
+/V-=±2.5V, V
IN=-30dBm, GV=40dB, RF=10kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
CL=100p
CL=330p
1K
10K
100K
1M
10M
100M
CL=10p
CL=100p
CL=330p
CL=10p
40dBGain/Phase vs. Frequency (Load Capacitance)
V
+/V-=±1.25V, V
IN=-30dBm, GV=40dB, RF=10kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency[Hz]
-180
-120
-60
0
60
120
180
Gain
Phase
1k
10k
100k
1M
10M
100M
CL=100p
CL=330p
CL=10p
CL=100p
CL=330p
CL=10p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com