Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6080 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6080
Description  CONSTANT CURRENT LED DRIVER with PWM CONTROL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6080 Datasheet(HTML) 7 Page - New Japan Radio

  NJU6080 Datasheet HTML 1Page - New Japan Radio NJU6080 Datasheet HTML 2Page - New Japan Radio NJU6080 Datasheet HTML 3Page - New Japan Radio NJU6080 Datasheet HTML 4Page - New Japan Radio NJU6080 Datasheet HTML 5Page - New Japan Radio NJU6080 Datasheet HTML 6Page - New Japan Radio NJU6080 Datasheet HTML 7Page - New Japan Radio NJU6080 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU6080
- 7 -
Ver.2010-06-25
■ TYPICAL CHARACTERISTICS
Output Current vs. Temperature
19.5
19.6
19.7
19.8
19.9
20
20.1
20.2
20.3
20.4
20.5
-50
0
50
100
150
Temperature : Ta ( ºC )
VLED=0.3V
VLED=0.4V
VLED=0.5V
Output Voltage vs. Output Current vs. Temperature
18
18.5
19
19.5
20
20.5
21
21.5
22
0.01.0
2.03.0
4.05.0
6.07.0
Output Voltage : VLED ( V )
Ta=-50℃
Ta=25℃
Ta=125℃
PWM_ON Delay Time vs. Temperature
0
1
2
3
4
5
6
7
8
-50
0
50
100
150
Temperature : Ta ( ºC )
VDD=2.5V
VDD=3V
VDD=5.5V
VDD=7V
PWM_OFF Delay Time vs. Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-50
0
50
100
150
Temperature : Ta ( ºC )
VDD=2.5V
VDD=3V
VDD=5.5V
VDD=7V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com