Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7691 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7691
Description  300mA Synchronous Step-Down switching regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7691 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7691 Datasheet HTML 1Page - New Japan Radio NJU7691 Datasheet HTML 2Page - New Japan Radio NJU7691 Datasheet HTML 3Page - New Japan Radio NJU7691 Datasheet HTML 4Page - New Japan Radio NJU7691 Datasheet HTML 5Page - New Japan Radio NJU7691 Datasheet HTML 6Page - New Japan Radio NJU7691 Datasheet HTML 7Page - New Japan Radio NJU7691 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU7691
- 7 -
Ver.2010-04-14
■TYPICAL CHARACTERISTICS
2
3
4
5
6
7
8
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Soft Start Time vs. Temperature
(V+=3.3V)
0.78
0.79
0.8
0.81
0.82
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Reference Voltage vs. Temperature
(V+=3.3V, R
T=47kΩ)
640
660
680
700
720
740
760
-50 -25
0
255075 100 125 150
Ambient Temperature Ta (oC)
Oscillator Frequency vs. Temperature
(V+=3.3V, R
T
=47k
Ω)
200
300
400
500
600
700
800
900
1000
-50 -25
0
255075 100 125 150
Ambient Temperature Ta (
oC)
Switching Current Limit vs. Temperature
(R
T=47kΩ)
V+=2.2V
V
+=3.3V
V
+=7V
0
0.5
1
1.5
2
2.5
3
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
High Side SW Leak Current vs. Temperature
(V+=3.3V, V
ON/OFF=0V, RT
=47k
Ω)
1.8
1.85
1.9
1.95
2
2.05
2.1
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Under Voltage Lockout Block
vs. Temperature
V
T_OFF
V
T_ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com