Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2301 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2301
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2301 Datasheet HTML 1Page - Diodes Incorporated AP2301 Datasheet HTML 2Page - Diodes Incorporated AP2301 Datasheet HTML 3Page - Diodes Incorporated AP2301 Datasheet HTML 4Page - Diodes Incorporated AP2301 Datasheet HTML 5Page - Diodes Incorporated AP2301 Datasheet HTML 6Page - Diodes Incorporated AP2301 Datasheet HTML 7Page - Diodes Incorporated AP2301 Datasheet HTML 8Page - Diodes Incorporated AP2301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
2 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Typical Application Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
Enable Active High
Available Options
Part Number
Channel
Enable pin
(EN)
Recommended
maximum continuous
load current (A)
Typical current
limit (A)
Package
AP2301
1
Active Low
2.0A
2.5A
SO-8
MSOP-8-EP
DFN3030E-8
AP2311
1
Active High
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
IN
2, 3
Voltage input pin; connect a 0.1µF or larger ceramic capacitor from IN to GND
as close as possible. (all IN pins must be tied together externally)
EN
4
Enable input, active low (AP2301) or active high (AP2311)
FLG
5
Over-temperature and over-current fault reporting with 7ms deglitch; active low
open-drain output. FLG is disabled for 7ms after turn-on.
OUT
6, 7
Voltage output pin (all OUT pins must be tied together externally)
NC
8
No internal connection; recommend tie to OUT pins
Exposed Pad
-
Recommend connecting to the GND externally for improved power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com