Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5101 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5101
Description  1.5A Step-Down Converter with 1.4MHz Switching Frequency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5101 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5101 Datasheet HTML 1Page - Diodes Incorporated AP5101 Datasheet HTML 2Page - Diodes Incorporated AP5101 Datasheet HTML 3Page - Diodes Incorporated AP5101 Datasheet HTML 4Page - Diodes Incorporated AP5101 Datasheet HTML 5Page - Diodes Incorporated AP5101 Datasheet HTML 6Page - Diodes Incorporated AP5101 Datasheet HTML 7Page - Diodes Incorporated AP5101 Datasheet HTML 8Page - Diodes Incorporated AP5101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP5101
1.5A Step-Down Converter with 1.4MHz Switching
Frequency
AP5101
Document number: DS32258 Rev. 1 - 2
2 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Typical Application Circuit (continiued)
6
IN
EN
GND
COMP
FB
SW
BST
AP5101
Output
3.3V
1.5A
C2
22µF/6.3V
CERAMIC
X2
C3
3nF
R3
5.6k
R2
16.2k
1%
C4
10nF
L1
4.7uH
Input
4.75V to 22V
R4
100k
R1
49.9k
1%
C1
10uF/25V
CERAMIC
4,8
3
2
5
1
7
D1
B340A
Figure 2. 1.4MHz, 3.3V Output at 1.5A Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com