Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38-R144F3000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 38-R144F3000
Description  Potential Motor Starting Relay 1-pole, 35A, Normally Closed AC Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

38-R144F3000 Datasheet(HTML) 2 Page - Tyco Electronics

  38-R144F3000 Datasheet HTML 1Page - Tyco Electronics 38-R144F3000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
819
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Outline Dimensions
Select proper continuous coil voltage from top of appropriate column, select pick - up (PU) and drop-out (DO)
voltages and insert relay calibration (RC) number in part number.
COIL #1
COIL #2
COIL #3
COIL #4
130 V 60 Hz
170 V 60 Hz
256 V 60 Hz
336 V 60 Hz
117 V 50 Hz*
151 V 50 Hz*
228 V 50 Hz*
299 V 50 Hz*
RES.@
1480+10%
RES.@
2040+10%
RES.@
5100+10%
RES.@
6800+10%
24°C
24°C
24°C
24°C
RC#
PU
DO
RC#
PU
DO
RC#
PU
DO
RC#
PU
DO
1
2
159-172
20-77
3
240-269
45-95
4
243-271
55-125
8
9
10
259-288
45-95
11
261-290
55-125
15
16
17
278-306
45-115
18
280-309
55-125
22
23
24
296-325
45-115
25
299-327
55-125
29
30
31
315-343
45-115
32
317-345
55-125
36
37
38
323-352
45-115
39
326-354
55-125
43
44
45
333-363
45-115
46
335-364
55-125
50
51
52
285-305
MAX. 77
53
340-370
55-125
57
111-125
20-50
58
111-124
30-65
59
240-269
35-77
60
171-184
40-90
64
121-134
20-50
65
120-134
30-65
66
123-134
25-77
67
168-182
MAX. 90
71
130-143
20-55
72
130-144
30-65
73
74
180-195
40-90
78
139-153
20-55
79
140-153
30-65
80
136-150
45-90
81
219-253
40-115
85
149-163
20-55
86
149-163
30-65
87
150-163
45-90
88
152-166
55-115
92
93
159-172
30-65
94
159-172
45-90
95
162-175
55-115
99
100
168-182
30-65
101
168-182
45-95
102
171-184
55-115
106
107
178-192
30-75
108
178-192
45-95
109
180-193
55-115
113
114
139-153
MAX. 55
115
185-213
45-95
116
188-214
55-115
120
121
122
203-231
45-95
123
205-234
55-115
127
128
129
221-250
45-95
130
224-252
55-125
134
135
136
140-152
33-77
137
186-215
40-90
141
80-110
20-55
142
143
285-305
45-115
144
162-175
40-90
148
62-76
20-45
149
150
159-172
35-77
151
162-175
70-100
156
157
158
150-162
MAX. 77
159
243-271
40-90
163
164
165
136-150
MAX. 50
166
205-234
40-90
170
171
172
166-182
35-77
173
180-195
MAX.105
178
179
180
181
224-252
40-90
185
186
187
188
280-309
55-100
194
205-234
40-90
198
152-166
40-90
COIL #5
COIL #6
COIL #7
COIL #8
395 V 60 Hz
420 V 60 Hz
495 V 60 Hz
214 V 60 Hz
338 V 50 Hz*
378 V 50 Hz*
452 V 50 Hz*
193 V 50 Hz*
RES.@
9600+10%
RES.@
12700+10%
RES.@
15200+10% RES.@
2840+10%
24°C
24°C
24°C
24°C
RC#
PU
DO
RC#
PU
DO
RC#
PU
DO
RC#
PU
DO
5
245-275
60-140
6
242-272
75-150
7
239-268
75-170
193
158-171
25-57
12
262-290
60-140
13
262-290
75-150
14
258-287
75-170
196
120-134
25-56
19
280-310
60-140
20
280-310
75-160
21
277-305
75-170
197
129-142
25-57
26
305-335
60-140
27
300-328
75-160
28
295-324
75-170
33
187-208
60-130
34
318-347
75-160
35
314-342
75-180
40
326-354
60-140
41
328-356
75-150
42
323-352
75-180
47
335-365
60-140
48
337-366
75-160
49
332-361
75-180
54
340-370
60-140
55
340-370
75-160
56
258-287
60-135
61
180-195
40-105
62
300-328
75-121
63
68
215-225
MAX.120
69
300-328
MAX.125
70
323-352
MAX.135
75
334-363
50-110
76
212-232
MAX.121
77
277-305
75-150
82
298-326
50-110
83
195-224
60-121
84
295-324
60-135
89
189-205
60-130
90
204-233
60-121
91
325-345
MAX.135
96
162-175
50-100
97
260-290
60-121
98
103
180-195
50-100
104
242-272
60-121
105
110
180-195
60-130
111
180-195
60-121
112
239-268
60-135
117
190-215
60-130
118
190-215
60-121
119
325-345
75-170
124
208-239
60-130
125
204-233
75-150
126
277-305
60-135
131
223-254
60-140
132
223-252
75-150
133
138
245-275
MAX.120
139
195-224
75-150
140
145
208-239
MAX.120
146
320-340
60-121
147
152
260-275
MAX.120
153
295-315
MAX.195
154
160
260-275
60-140
161
218-243
60-121
162
167
215-225
60-130
168
205-234
40-90
169
174
239-270
50-110
175
223-252
60-121
176
182
208-239
50-110
183
295-315
MAX.125
184
189
224-252
60-121
190
280-310
60-121
191
195
190-215
40-105
192
180-195
40-105
200
279-308
50-110
*For 50 Hz, add 300 to RC# - i.e. for 151 V 50 Hz, RC# 58 changes to 358.
Coil Rating & Calibration Table
1.82
(46.2)
1.82
(46.2)
2.03
(51.6)
2.065
(52.45)
.250
(6.35)
.156
(3.96)
1.59
(40.4)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com