Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBDX-R5MA8B31F Datasheet(PDF) 1 Page - OptoSupply International

Part # OBDX-R5MA8B31F
Description  AC or DC Driver Viewing angle 30 deg
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OBDX-R5MA8B31F Datasheet(HTML) 1 Page - OptoSupply International

  OBDX-R5MA8B31F Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LAMP
Series
■
Characters
■
Package Outline
(unit:mm)
AC or DC Driver
Viewing angle 30 deg
■
Absolute Maximum Rating
(Ta=25℃)
*1 Pulse width Max.10ms Duty ratio max 1/10
Bulk-----------------------------------------------------------100pieces/bag( Code No.1 )
Bulk-----------------------------------------------------------200pieces/bag( Code No.2 )
Bulk-----------------------------------------------------------500pieces/bag( Code No.5 )
20
70*1
90
-10~+50
0.25
2100
3000
<10uA
0.34
0.44
0.15
OBDX-K5DK8B31F
Pink
Water Clear
4-24
*4 Please refer to CIE 1931 chromaticity diagram.
610
9000
12000
13000
OBDX-R5MA8B31F
Red
Water Clear
4-24
15000
<10
■
Package
*5 Devices are sorted by 5nm wavelength ranges
*2 See table for Luminous Intensity Ranks
OBDX-O5GA8B31Q
Orange
Water Clear
4-24
625
630
15000
590
595
13000
<10
*3 Axial Direction (Luminous Intensity)
OBDX-Y5MA8B31F
Yellow
Water Clear
4-24
4-24
4-24
4-24
605
4-24
525
535
20000
OBDX-G5DA8B31F
Pure Green
Water Clear
4-24
<10
Dominant Wavelength
wd(nm)
*5
Typ.
Max.
470
475
Typ.
Max.
Unit
OBDX-B5SA8B31F
Blue
Water Clear
4-24
OBDX-W5DK8B31F
Water Clear
4-24
4-24
4-24
Symbol
Value
Chromaticity Coordinates
*4
Pulse Forward Current*
Power Dissipation
Operating Temperature
IF
IFP
Item
XY
Min.
mW
℃
Min.
Max.
-20~+70
Luminous Intensity
IV(mcd)
*3
■
Electrical And Optical Characteristics
(Ta=25℃)
Storage Temperature
Emitting
Color
Lens
Type
AC
DC
Working Current:IF=20mA
Max.
Max.
Forward Voltage
AC/DC VF(V)
Typ.
DC Forward Current
℃
mA
mA
PD
Topr
Tstg
Reverse
Current IR(uA)
Forward Voltage
AC/DC VF(V)
■
Electrical And Optical Characteristics
(Ta=25℃)
Part Number
*2
Emitting
Color
Lens
Type
Luminous Intensity
IV(mcd)
*3
Part Number
*2
White
<10uA
<10
Reverse
Current IR(uA)
Working Current:IF=20mA
AC
DC
4-24
5200
8000
<10
25000
25000
18000
0.26
0.29
0.25
0.28
OBDX-M5DK8B31F
Warm White
Water Clear
4-24
4-24
0.41
0.49
0.37
0.45
9000
12000
<10uA


Similar Part No. - OBDX-R5MA8B31F

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OBDX OPTOSUPPLY-OBDX Datasheet
31Kb / 1P
DC Driver
More results

Similar Description - OBDX-R5MA8B31F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
September 20, 2012
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RR45-AQ902 AVAGO-ASMT-RR45-AQ902 Datasheet
376Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
logo
AIMTEC
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
AC-DC Constant Current or Constant Voltage LED Driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
AC-DC Constant Current or Constant Voltage LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Shenzhen Huazhimei Semi...
HM9912 HMSEMI-HM9912 Datasheet
601Kb / 5P
DC or AC input LED driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com