Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38-R144J4000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 38-R144J4000
Description  Potential Motor Starting Relay 1-pole, 35A, Normally Closed AC Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

38-R144J4000 Datasheet(HTML) 1 Page - Tyco Electronics

  38-R144J4000 Datasheet HTML 1Page - Tyco Electronics 38-R144J4000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
818
PRODUCTS UNLIMITED
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Single-pole, normally closed relay used extensively in HVAC applications.
• Variety of mounting positions and brackets.
• Convenient 0.250” (6.35 mm) quick connect terminals.
• Custom-built to meet customer requirements.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Contact Data @ 25°C
Arrangements: Normally-Closed.
Materials: Silver cadmium oxide.
Maximum Rating: 35A inductive @ 277VAC, 0.5 power factor (Break only.)
Expected Life:
750,000 ops, mechanical.
250,000 ops., breaking rated load.
Initial Dielectric Strength
Initial Breakdown Voltage: 1,554 VAC @ 60 Hz. between live parts and
exposed non-current carrying metal parts.
Coil Data @ 25°C
Voltage: 130, 170, 214, 256, 336, 395, 420 and 495 VAC, 60 Hz.
Nominal Sealed Power: 5 VA).
Insulation Class: UL Class B (130°C).
Duty Cycle: Continuous.
Mechanical Data
Termination: 0.250” (6.35 mm) quick connects (single or dual, model
dependent). Terminals #4 & #6 are dummies for customer
convenience.
Mounting Position: Each model is calibrated for its specified mounting
position. Pick-up voltage may vary if relay is mounted
in positions other than specified.
Weight: 5.76 oz. (163.8 g) approximately
38 series
Potential Motor Starting Relay
1-pole, 35A, Normally Closed
AC Coil
File E83865
Ordering Information
Typical Part No.
B
38
-A
144
C
3
000
1. Series:
38 = 1-pole, normally-closed, potential motor starting relay
2. Wiring and Terminal Type (number of QCs at given base locations):
A = 2 @ loc. 1, 2 @ loc. 2, 4 @ loc. 3, 2 @ loc. 5 and 2 @ loc. 6.
D = 2 @ loc. 1, 2 @ loc. 2, 4 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6.
M = 2 @ loc. 1, 2 @ loc. 2, 2 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6.
R = 1 @ loc. 1, 2 @ loc. 2, 0 @ loc. 3, 1 @ loc. 5 and 0 @ loc. 6.
S = 1 @ loc. 1, 2 @ loc. 2, 0 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6.
T = 2 @ loc. 1, 2 @ loc. 2, 0 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6.
Y = 1 @ loc. 1, 2 @ loc. 2, 4 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6.
3. Coil Rating and Calibration:
000-999 = See table on following page for details.
4. Mounting Bracket Style:
C, D, F or J = See drawings below for details.
5. Mounting Position:
1, 2, 3, 4, 5 & 6 = See drawings below for details. NOTE: Devices calibrated in specified mounting position only.
6. Customer ID Suffix:
000-999 = Factory assigned customer ID
C
J
F
D
#8-32
UNC-2B THD.
#8-32
UNC-2B THD.
1.59
(40.39)
1.00
(25.4)
.500
(12.7)
1.563
(39.7)
1
2
3
4
5
6
Custom parts only.
Standard part numbers listed below are more likely to be available from stock.


Similar Part No. - 38-R144J4000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RA10001100 E-SWITCH-38-RA10001100 Datasheet
44Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RA11131000116 E-SWITCH-38-RA11131000116 Datasheet
70Kb / 1P
Silver Plated Copper
38-RA11131000144 E-SWITCH-38-RA11131000144 Datasheet
70Kb / 1P
Silver Plated Copper
38-RA11131100 E-SWITCH-38-RA11131100 Datasheet
72Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RA11131121 E-SWITCH-38-RA11131121 Datasheet
97Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-R144J4000

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com