Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EBH1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3EBH1
Description  For UL544 Health Care Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EBH1 Datasheet(HTML) 1 Page - Tyco Electronics

  3EBH1 Datasheet HTML 1Page - Tyco Electronics 3EBH1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For UL544 Health Care Equipment
This is a new generation of compact medical RFI filters with
an IEC socket. A new design in internal structure and
manufacturing process makes this series cost effective.
This health care series supersedes the H series by
providing superior differential mode performance while still
maintaining a maximum leakage current of 2 micro amps.
EBH Series
Also a compact medical RFI filter with IEC socket, the EBH
series is a cost effective alternative to the H series.
Electrically the EBH provides enhanced differential mode
performance compared to both the EAH and the H series.
These filters provide RFI common and differential mode
performance while still allowing medical equipment to
meet UL leakage current specifications for medical and
dental equipment.
Additional information on UL544 specification is listed
in Appendix C.
Note: When using the models with an IEC connector,
remember that the leakage current of the companion line
cord, GA400, is more significant than that of the filter -
which may disqualify this line cord from use in patient
care applications.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
2
µA
@ 250 VAC 50 Hz:
5
µA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.1
.15
.5
1
5
10
30
EAH Models
01A
8
21
29
32
42
45
32
30
19
03A
-
5
10
15
25
27
30
27
22
06A
-
-
5
6
19
21
24
20
15
10A
-
-
1
5
9
12
12
12
12
EBH Models
01A
8
21
29
32
42
45
32
25
19
03A
-
5
10
15
25
27
30
27
22
06A
-
-
5
8
17
20
24
23
18
10A
-
-
-
3
8
12
12
12
12
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
1
1.5
5
10
30
EAH Models
01A
5
13
28
32
25
3A
4
6
20
27
28
06A
2
5
19
25
27
10A
1
5
15
22
27
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
EBH Models
All Ratings
1
10
18
30
31
31
24
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EAH, EBH Series
EAH Series
CORCOM Product Guide
Electrical Schematic
LINE
LOAD
Resistor location for reference only.
UL Recognized
CSA Certified
VDE Approved
EAH1/EBH1


Similar Part No. - 3EBH1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EBH1 MACOM-3EBH1 Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
More results

Similar Description - 3EBH1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VJ1 MACOM-6VJ1 Datasheet
75Kb / 4P
Voltage Selecting and Fused Connector with Optional RFI Power Line Filter for General Purpose Applications for UL544 Health Care Equipment
logo
MPS Industries, Inc.
HBU31 MPSIND-HBU31 Datasheet
235Kb / 2P
30W Open Frame Type Medical Power Supplies For Health Care Applications
HBU60 MPSIND-HBU60 Datasheet
366Kb / 2P
60W Open frame type medical power supplies for health care applications
HPU63A MPSIND-HPU63A Datasheet
312Kb / 2P
63W Desk Top Swithching Power Supplies For health Care Applications
HPU31B MPSIND-HPU31B Datasheet
272Kb / 2P
30W Desk top type medical power supplies for health care applications
HPU63B MPSIND-HPU63B Datasheet
231Kb / 2P
63W Desk Top Swithching Power Supplies For health Care Applications
HPU100 MPSIND-HPU100 Datasheet
421Kb / 2P
100W Desk top type medical power supplies for health care applications
MPU60A MPSIND-MPU60A Datasheet
174Kb / 2P
763W Desk Top Swithching Power Supplies For health Care Applications
logo
Total Power Internation...
TPHBU31 TOTAL-POWER-TPHBU31 Datasheet
272Kb / 2P
Medical Power Supplies For Health Care Applications
logo
Astrodyne Corporation
AHP6301 ASTRODYNE-AHP6301 Datasheet
1Mb / 6P
63W Medical Power Adapters for Health Care Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com