Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1EDP Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1EDP
Description  High Performance Compact RFI Power Line Filters with IEC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EDP Datasheet(HTML) 2 Page - Tyco Electronics

  1EDP Datasheet HTML 1Page - Tyco Electronics 1EDP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Styles
ED1 & ED1C
ED2
ED4 &ED4C
ED8 & ED8C
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
High Performance Compact RFI Power Line Filters with IEC Connectors (Continued)
Case Dimensions
AB
CD
E
F
± .015
Part No. (max)
(max)
(max)
(max)
(ref)
± .38
1ED1,
2.21
1.19
0.81
1.575
1.98
—
3ED1
56.0
30.2
20.6
40.01
50.3
1ED2,
1.55
1.19
0.85
1.575
1.98
—
3ED2
39.4
30.2
21.6
40.01
50.3
1ED4,
1.55
1.19
0.85
1.575
1.98
.295
3ED4
39.4
30.2
21.6
40.01
50.3
7.5
1ED8,
1.55
1.19
0.81
1.575
1.98
.295
3ED8
39.4
30.2
20.6
40.01
50.3
7.5
6ED1
2.21
1.19
0.81
1.575
1.98
—
56.0
30.2
20.6
40.01
50.3
6ED1C
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
6ED2
1.55
1.19
0.85
1.575
1.98
—
39.4
30.2
21.6
40.01
50.3
6ED4
1.55
1.19
0.85
1.575
1.98
.295
39.4
30.2
21.6
40.01
50.3
7.5
6ED4C
1.98
1.19
0.85
1.575
1.98
.295
50.3
30.2
21.6
40.01
50.3
7.5
6ED8
1.55
1.19
0.81
1.575
1.98
.295
39.4
30.2
20.6
40.01
50.3
7.5
6ED8C
1.98
1.19
0.81
1.575
1.98
.295
50.3
30.2
20.6
40.01
50.3
7.5
10ED1,
2.62
1.19
0.81
1.575
1.98
—
15ED1*
66.5
30.2
20.6
40.01
50.3
10ED1C
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
15ED8*
1.98
1.19
0.81
1.575
1.98
—
50.3
30.2
20.6
40.01
50.3
33
ED Series
CORCOM Product Guide
Part Numbers
1ED1
06ED2
1ED2
06ED4
1ED4
06ED4C
1ED8
06ED8
3ED1
06ED8C
3ED2
10ED1
3ED4
10ED1C
3ED8
15ED1*
6ED1
15ED8*
6ED1C
Line Cord No.
GA400
Insulating Boot No.
FA601
*15ED1, 15ED8 -
UL, CSA
15 Amps/250 VAC
VDE
10 Amps/250 VAC
D
E
A
C
B
.65
16.5
Max.
C
A
F
F
B
D
E
Blue
Green/Yellow
Brown
B
C
F
F
D E
A
Typical dimensions:
Terminals: .250 [6.35] (3) Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
.140
3.56
.062
1.58
.820
20.8
R
Dia. (2)
1.200
30.48
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
Recommended Panel Cutouts
Panel Cutout (back mount)
Panel Cutout (front mount)
Tolerance ±.005 [0.13]
Tolerance ±.005 [0.13]
Note 1:
ED1, ED1C, ED8 and ED8C allow front or back mounting.
Note 2:
ED2, ED4 and ED4C allow back mounting only.
Typical dimensions:
Wire leads:4.0 [101.6] Min., 18 AWG
Mounting holes: .132 [3.35] Dia. (2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com