Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2240P Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2240P
Description  Programmable Encoder IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240P Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2240P Datasheet HTML 1Page - Princeton Technology Corp PT2240P Datasheet HTML 2Page - Princeton Technology Corp PT2240P Datasheet HTML 3Page - Princeton Technology Corp PT2240P Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Programmable Encoder IC
PT2240
PT2240 v 1.4
Page 2
Revised Nov.1999
Pin Configurations
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VSS
S1
VPG
D7
D6
D5
D4
PGM
S0
VDD
DOUT
OSC
D0/CLK
D1/CODE
D2
D3
PT2240 (16 PINS)
VSS
VPG
PGM
D1/CODE
VSS
PGM
D1/CODE
D2
VDD
DOUT
OSC
D0/CLK
VDD
DOUT
OSC
D0/CLK
PT2240 (8 PINS)
PT2240-D3 (8 PINS)
Application Circuits
RF
Rosc
12V
Vss
S1
VPG
D7
D6
D5
D4
PGM
S0
VDD
DOUT
OSC
D0/CLK
D1/CODE
D2
D3
+
_
Figure 1: PT2240 (8 Data) Application Circuit
Note: In order that IC protection is assured, please make sure that a diode is connected between the battery and the
VDD. If the diode is not connected and the battery polarity was inverted, then the IC will fail.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com