Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EC4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3EC4
Description  High Performance Compact RFI Power Line Filters with IEC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EC4 Datasheet(HTML) 2 Page - Tyco Electronics

  3EC4 Datasheet HTML 1Page - Tyco Electronics 3EC4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Dimensions
AB
C
D
E
F
Part No. (max)
(max)
(max)
± .015
(max)
(ref)
± .38
1EC1
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
1EC2
1.97
1.19
0.85
1.575
1.98
—
50.0
30.2
21.6
40.01
50.3
1EC4
1.97
1.19
0.85
1.575
1.98
.295
50.0
30.2
21.6
40.01
50.3
7.5
1EC8
1.98
1.19
0.81
1.575
1.98
.295
50.3
30.2
20.6
40.01
50.3
7.5
3EC1
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
3EC2
1.97
1.19
0.85
1.575
1.98
—
50.0
30.2
21.6
40.01
50.3
3EC4
1.97
1.19
0.85
1.575
1.98
.295
50.0
30.2
21.6
40.01
50.3
7.5
3EC8
1.98
1.19
0.81
1.575
1.98
.295
50.3
30.2
20.6
40.01
50.3
7.5
6EC1
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
6EC2
1.97
1.19
0.85
1.575
1.98
—
50.0
30.2
21.6
40.01
50.3
6EC4
1.97
1.19
0.85
1.575
1.98
.295
50.0
30.2
21.6
40.01
50.3
7.5
6EC8
1.98
1.19
0.81
1.575
1.98
.295
50.3
30.2
20.6
40.01
50.3
7.5
10EC1
2.62
1.19
0.81
1.575
1.98
—
66.5
30.2
20.6
40.01
50.3
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
High Performance Compact RFI Power Line Filters with IEC Connectors (Continued)
Case Styles
EC1
EC2
EC4
EC8
31
EC Series
CORCOM Product Guide
Part Numbers
1EC1
06EC1
1EC2
06EC2
1EC4
06EC4
1EC8
06EC8
3EC1
10EC1
3EC2
3EC4
3EC8
Line Cord No.
GA400
Insulating Boot No.
FA601
DE
A
C
B
.65
16.5 Max.
C
A
F
F
B
D
E
.140
3.56
.062
1.58
.820
20.8
R
Dia. (2)
1.200
30.48
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
Note 1: EC1 and EC8 allow front or back mounting.
Note 2: EC2 and EC4 allow back mounting only.
Tolerance ±.005 [
0.13]
Tolerance ±.005 [
0.13]
Panel Cutout (front mount)
Panel Cutout (back mount)
Recommended Panel Cutouts
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
Typical dimensions:
Wire Leads: 4.0 [101.6] Min. 18 AWG
Mounting holes: .132 [3.35] Dia. (2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com