Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EP3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3EP3
Description  RFI Power Line Filters for Switching Power Supply Noise Suppression
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EP3 Datasheet(HTML) 2 Page - Tyco Electronics

  3EP3 Datasheet HTML 1Page - Tyco Electronics 3EP3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFI Power Line Filters for Switching Power Supply Noise Suppression (Continued)
Case Styles
Case Dimensions
ABC
D
E
Part No.
(max)
(max)
(max)
± .015
(max)
±.38
3EP1
3.85
2.07
1.78
2.938
3.35
97.8
52.6
45.2
74.63
85.1
3EP3
2.56
2.07
1.78
2.938
3.35
65.0
52.6
45.2
74.63
85.1
3EP7, 3EP7M
3.21
2.25
1.78
1.575
0.63
81.5
57.2
45.2
40.01
12.1
6EP1
6.62
2.07
2.28
5.625
6.03
168.1
52.6
57.9
142.88
153.2
6EP3
5.33
2.07
2.28
5.625
6.03
135.4
52.6
57.9
142.88
153.2
7EP1
4.79
2.07
1.53
3.947
4.33
121.7
52.6
38.9
100.25 109.98
7EP3
3.50
2.07
1.53
3.947
4.33
88.9
52.6
38.6
100.25 109.98
10EP1
6.62
2.07
2.78
5.625
6.03
168.1
52.6
70.6
142.88
153.2
10EP3
5.35
2.07
2.78
5.625
6.03
135.9
52.6
70.6
142.88
153.2
12EP1
4.97
2.25
1.78
4.063
4.46
126.2
57.2
45.2
103.20 113.28
12EP3
3.624
2.25
1.78
4.063
4.46
92.05
57.15
45.2
103.20 113.28
20EP1, 20VP1 4.95
2.27
1.8
4.063
4.47
125.7
57.7
45.7
103.2
113.5
20EP6, 20VP6 5.09
2.25
1.78
4.063
4.46
127.3
57.2
45.2
103.2
129.3
57
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EP/VP Series
CORCOM Product Guide
D
E
A
C
B
EP1/VP1 (1-15 Amp version)
D
E
A
C
B
20EP1/VP1
EP3
EP7 & EP7M (with metric insert)
20EP/VP6
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Mounting Holes: .188 [4.78] Dia. (2)
Slot: .07 x .16 [1.8 x 4.1]
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting Holes: .188 [4.78] Dia.(2)
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
A
D
E
C
B
Brown
Blue
Brown
Blue
Green/
Yellow
A
Tapped insert:
D
E
No. 6-32 x 1/4 (2)-EP7
No. M-3 x .5 (2)-EP7M
C
B
.235
5.96
1.575
40.01
.157
3.98
.910
23.11
Dia. (2)
1.295
32.89
R
C
B
E
D
A
Terminals: No. 8-32 (5)
Torque: 18 ± 2 in.lb
†
†
† ±.02 [±.5]
Part Numbers
3EP1
6EP1
10EP1
20EP1
3EP3
6EP3
10EP3
20EP6
3EP7
7EP1
12EP1
20VP1
3EP7M
7EP3
12EP3
20VP6
Line Cord No.
GA400
71/2 foot, 3-conductor line cord.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com