Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EHT7M Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3EHT7M
Description  High Performance RFI Power Line Filters for Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EHT7M Datasheet(HTML) 2 Page - Tyco Electronics

  3EHT7M Datasheet HTML 1Page - Tyco Electronics 3EHT7M Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Performance RFI Power Line Filters for Medical Equipment (Continued)
Case Styles
Recommended Panel Cutout
Case Dimensions
A
B
C
D
E
± .015
Part No.
(max)
(max)
(max)
(max)
± .38
3EHT1, 6EHT1
3.56
2.15
1.81
2.938
3.38
90.4
54.6
46.0
74.63
85.9
3EHT3, 6EHT3
2.55
2.15
1.81
2.938
3.38
64.8
54.6
46.0
74.63
85.9
3EHT7, 3EHT7M, 3.52
2.25
1.78
1.575
0.63
6EHT7, 6EHT7M 89.4
57.2
45.2
40.01
16.0
10EHT1
4.69
2.27
1.8
4.063
4.47
119.1
57.7
45.7
103.2
113.5
10EHT3
3.69
2.27
1.8
4.063
4.47
93.7
57.7
45.7
103.2
113.5
15EHT1
5.45
3.12
2.18
3.5
3.96
138.4
79.2
55.4
88.9
100.6
15EHT6
5.95
3.12
2.18
3.5
3.96
151.1
79.2
55.4
88.9
100.6
71
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
HT Series
CORCOM Product Guide
HT1 (3, 6 and 10 Amp)
HT3
HT1 (15 Amp)
HT6
B
C
D
A
E
Typical dimensions:
Terminals: .250 [6.35] (5) Holes: .07 [1.8 ] Dia.(4) Slot: .07 x .16 [1.8 x 4.1 ]
Mounting holes: .188 [4.78 ] Dia. (2)
Typical dimensions:
Wire leads: 4.0 [101.6 ] Min.
Mounting holes: .188 [4.78 ] Dia. (2)
Typical dimensions:
Terminals: No. 8-32 (5)
Mounting holes: .203 x .156 [5.16 x 3.96 ] Dia. (4)
Torque: 18±2 in.lb
Brown
Green/Yellow
Blue
Blue
Brown
A
D
E
C
B
ED B
A
2.00±.01
50.80
±.25
C
ED
B
C
2.00±.01
50.80
±.25
A
†
† ±.02 [±.5]
Part Numbers
6EHT1
10EHT1
6EHT3
10EHT3
6EHT7
15EHT1
6EHT7M
15EHT6
Line Cord No.
GA400
71/2 foot, 3-conductor line cord to mate with T7 models
HT7 & HT7M (with metric insert)
B
D
E
C
A
1.575
40.01
0.910
23.1
0.157
3.98
Dia.
0.235
5.96
R
1.295
32.89
B
D
E
C
A
1.575
40.01
0.910
23.1
0.157
3.98
Dia.
0.235
5.96
R
1.295
32.89
Panel Cutout (back mount)
Tolerance ±.005 [0.13]
Tapped insert
No. 6-32 x 1/4 (2) - T7
No. M-3 x 5 (2) - T7M
Typical dimensions:
Terminals: .250 [6.35] (5) Holes: .07 [1.8 ] Dia.(4) Slot: .07 x .16 [1.8 x 4.1 ]
Mounting holes: .203 x .156 [5.16 x 3.96 ] Dia. (4)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com