Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS1532 Datasheet(PDF) 17 Page - Altonics Co., Ltd.

Part # QS1532
Description  high quality PCM synthesizer LSI for General MIDI Sound Modules comparable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTONICS [Altonics Co., Ltd.]
Direct Link  http://www.altonics.com
Logo ALTONICS - Altonics Co., Ltd.

QS1532 Datasheet(HTML) 17 Page - Altonics Co., Ltd.

Back Button QS1532 Datasheet HTML 12Page - Altonics Co., Ltd. QS1532 Datasheet HTML 13Page - Altonics Co., Ltd. QS1532 Datasheet HTML 14Page - Altonics Co., Ltd. QS1532 Datasheet HTML 15Page - Altonics Co., Ltd. QS1532 Datasheet HTML 16Page - Altonics Co., Ltd. QS1532 Datasheet HTML 17Page - Altonics Co., Ltd. QS1532 Datasheet HTML 18Page - Altonics Co., Ltd. QS1532 Datasheet HTML 19Page - Altonics Co., Ltd. QS1532 Datasheet HTML 20Page - Altonics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MIDI Message
Hex Code
Description
Compatibility
CTRL 81
BnH 51H dd
dd = 0 Industrial Standard Chorus 1
dd = 1 Industrial Standard Chorus 2
dd = 2 White Chorus 1
dd = 3 White Chorus 2
dd = 4 White Chorus 3 **Default setting
dd = 5 Flanger 1
dd = 6 Flanger 2
dd = 7 Flanger 3
GM/GS
CTRL 82
BnH 52H 00
Echo 0n / OFF
GS
BnH 52H 01
Echo delay 48ms
GS
BnH 52H 02
96ms
GS
BnH 52H 03
144ms
GS
BnH 52H 04
192ms
GS
BnH 52H 05
240ms
GS
CTRL 83
BnH 53H 05
Chorus Out => Reverb in - Feedback (0~127) Codec &
MIDI
GS
CTRL 84
BnH 54H dd
Portamento control ( On / Off )
GS
CTRL 85
BnH 55H dd
Effect Reverb Damping (0 ~127)
GS
CTRL 86
BnH 56H dd
Effect Reverb Decay
(0 ~127)
GS
CTRL 91
BnH 5BH dd
Reverb send level dd= 0~127
GS
CTRL 93
BnH 5DH dd
Chorus send level dd= 0~127
GS
NRPN 0108H
BnH 63H 01H 62H 08H 06H vv
Vibrate rate (vv=40H -> no modify)
GS
NRPN 0109H
BnH 63H 01H 62H 09H 06H vv
Vibrate depth (vv=40H -> no modify)
GS
NRPN 010AH
BnH 63H 01H 62H 0AH 06H vv
Vibrate delay (vv=40H -> no modify)
GS
NRPN 0120H
BnH 63H 01H 62H 20H 06H vv
TVF cutoff freq (vv=40H -> no modify)
GS
NRPN 0121H
BnH 63H 01H 62H 21H 06H vv
TVF resonance (vv=40H -> no modify)
GS
NRPN 0163H
BnH 63H 01H 62H 63H 06H vv
Env attack time (vv=40H -> no modify)
GS
NRPN 0164H
BnH 63H 01H 62H 64H 06H vv
Env decay time (vv=40H -> no modify)
GS
NRPN 0166H
BnH 63H 01H 62H 66H 06H vv
Env release time (vv=40H -> no modify)
GS
NRPN 18rrH
BnH 63H 18H 62H rr 06H vv
Pitch coarse of drum instr. rr is a note vv=40H -> no
modify
GS
NRPN 1ArrH
BnH 63H 1AH 62H rr 06H vv
Level of drum instr. rr is a note vv= 00~7FH
GS
NRPN 1CrrH
BnH 63H 1CH 62H rr 06H vv
Pan of drum instr. rr is a note vv=40H -> middle
GS
NRPN 1DrrH
BnH 63H 1DH 62H rr 06H vv
Reverb send level of drum instr. rr is a note vv=00~7FH
GS
NRPN 1ErrH
BnH 63H 1EH 62H rr 06H vv
Chorus send level of drum instr. rr is a note vv=00~7FH
GS
RPN 0000H
BnH 65H 00H 64H 00H 06H vv
Pitch bend sensitivity in semitones(default = 2)
GM
RPN 0001H
BnH 65H 00H 64H 01H 06H vv
Fine tuning in cent(vv=00-100, vv=40H 0, w=7FH+100)
GM
RPN 0002H
BnH 65H 00H 64H 02H 06H vv
Coarse tuning in half tones (vv=00-64, vv=7FH+64)
GM
QS1532
MIDI synthesizer with special effects and 32M sound font ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com