Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2900 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2900
Description  Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2900 Datasheet(HTML) 1 Page - 3M Electronics

  2900 Datasheet HTML 1Page - 3M Electronics 2900 Datasheet HTML 2Page - 3M Electronics 2900 Datasheet HTML 3Page - 3M Electronics 2900 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Card Connector microSD™
Normal Polarization, Push-Push, Surfacemount
2900 Series
Physical
Electrical
Environmental
*"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
microSD is a trademark of SD Association in Japan.
Insulation
Material: High Temperature Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact Material: Copper Alloy
Plating
Underplating: 50
μ″ [ 1.27 μm ] min. Nickel
Wiping Area: 15
μ″ [ 0.38 μm ] min. Gold
Termination Area: 3
μ″ [ 0.076 μm ] max. Gold flash
Cover Material: Stainless Steel
Underplating: 40
μ″ [ 1.02 μm ] min. Nickel
Solder Area: Gold flash
Lock Pin and Link Pin Material: Stainless Steel
Spring Material: Copper Alloy
Plating: 30
μ″ [ 0.762 μm ] min. Nickel
Marking: 3M Logo
Current Rating
: 0.5 A
Insulation Resistance:
100 ΜΩ min.
Withstanding Voltage:
500 VAC for one minute
Operating Temperature:
-25
°C to +85°C
Storage Temperature: -40
°C to +85°C
Process Rating: Maximum 250
°C, with 40 seconds over 230°C
TS-2197-02
Sheet 1 of 3
• 1.85 mm low profile height
• Small size of 14.0 mm × 14.2 mm footprint
• Smooth push–push eject mechanism
• Card is retained when mated
• Card polarization
• Will accept a card thickness of 0.8 mm
• Mechanism prevents card from flying out upon
ejection
• Card detection indicator
• Metal–shielded cover
• microSD™ specification compliant
• RoHS* compliant
Date Modified: October 31, 2006


Similar Part No. - 2900

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
2900 AMPHENOL-2900 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
NXP Semiconductors
2900 NXP-2900 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
logo
Coto Technology
2900 COTO-2900 Datasheet
504Kb / 2P
2900 SERIES REED RELAYS
logo
KR Electronics, Inc.
2900 KR-2900 Datasheet
35Kb / 2P
100 MHz Center Frequency
logo
Murata Power Solutions ...
2900 MURATA-PS-2900 Datasheet
175Kb / 3P
Shielded Surface Mount Inductors
More results

Similar Description - 2900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
Connector for microSD??Card (Push-push Type)
logo
Yamaichi Electronics Co...
PJS008-2100-0 YAMAICHI-PJS008-2100-0 Datasheet
118Kb / 1P
microSD Card Reader - Push / Push (Top Mount)
logo
Molex Electronics Ltd.
5025700893 MOLEX11-5025700893 Datasheet
396Kb / 5P
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
5031820852 MOLEX11-5031820852 Datasheet
336Kb / 5P
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
5033980891 MOLEX11-5033980891 Datasheet
447Kb / 5P
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
logo
3M Electronics
2908-05WB-MG 3M-2908-05WB-MG Datasheet
216Kb / 4P
Normal Polarization, Push-Push, Surfacemount
31-Oct-2006
logo
Molex Electronics Ltd.
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5031821832 MOLEX1-5031821832_19 Datasheet
54Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.45mm Height
5033981892 MOLEX1-5033981892_19 Datasheet
30Kb / 1P
1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.28mm Height
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com